Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4146 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4146
Description  STSmartVoice demonstration board STEVAL-MKI126Vx
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4146 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4146 Datasheet HTML 6Page - STMicroelectronics AN4146 Datasheet HTML 7Page - STMicroelectronics AN4146 Datasheet HTML 8Page - STMicroelectronics AN4146 Datasheet HTML 9Page - STMicroelectronics AN4146 Datasheet HTML 10Page - STMicroelectronics AN4146 Datasheet HTML 11Page - STMicroelectronics AN4146 Datasheet HTML 12Page - STMicroelectronics AN4146 Datasheet HTML 13Page - STMicroelectronics AN4146 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Demonstration board and accessories
AN4146
10/30
DocID023502 Rev 2
1.5.1
Power supply
The STA321MP processor needs 3.3 V as a supply voltage while the operative voltage
range of the microphones is 1.64 V - 3.6 V where the typical value is 1.8 V. For this reason
there are two voltage regulators onboard. One regulator is used to generate the 3.3 V from
an external 5 V supply (J20) while the other one generates the 1.8 V from the 3.3 V. The
3.3 V can also be provided from the APWLink connector on pin 11 and enabled on the board
by closing JP1. In spite of the fact that the STEVAL-CCA035V1 board is always connected
(for the I2C communication) and so 3.3 V is always provided to the STEVAL-MKI126Vx, the
demonstration board also hosts the 3.3 V regulator (scaled by an external 5 V supply) to
allow better noise immunity. The following diagram depicts the supply lines scheme: S2
(R78-R79) selects the 3.3 V source while S3 (R80-R81) selects either 1.8 V or 3.3 V as the
microphone supply voltage. These selectors are indicated on the board with the serigraphy
3V3 SEL and MIC_VCC, respectively.
Figure 8. Power supply - block diagram subsection
Once the 3.3 V voltage supply has been chosen, the devices that are fed with this voltage
are the STA321MP, the flip-flop, the level shifter and the opamp. Regarding the
microphones section, the selector S3 offers the possibility to choose their supply level.
Regulator
1.8V
Regulator
3.3V
Gnd +5V
JP1
S3
S2
+3.3V
APWlink
connector


Similar Part No. - AN4146

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN4146 FAIRCHILD-AN4146 Datasheet
376Kb / 24P
   Design Guidelines for Quasi-Resonant Converters
More results

Similar Description - AN4146

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI126V3 STMICROELECTRONICS-STEVAL-MKI126V3 Datasheet
568Kb / 9P
   STSmartVoice demonstration board
STEVAL-MKI126V1 STMICROELECTRONICS-STEVAL-MKI126V1 Datasheet
596Kb / 9P
   STSmartVoice demonstration board
UM0984 STMICROELECTRONICS-UM0984 Datasheet
1Mb / 25P
   STEVAL-ISA081V1 demonstration board based
STEVAL-MKI119V1 STMICROELECTRONICS-STEVAL-MKI119V1 Datasheet
184Kb / 6P
   eMotion Win8: STEVAL-MKI109V2 STEVAL-MKI108V2 demonstration board
UM0582 STMICROELECTRONICS-UM0582 Datasheet
1Mb / 24P
   STEVAL-TLL005V1 power flash demonstration board
UM0756 STMICROELECTRONICS-UM0756 Datasheet
825Kb / 28P
   STEVAL-ICB003V1 front panel demonstration board
AN4111 STMICROELECTRONICS-AN4111 Datasheet
1Mb / 17P
   The STEVAL-ILL044V1 demonstration board showcases
June 2013 Rev4
STEVAL-MKI115V1 STMICROELECTRONICS-STEVAL-MKI115V1 Datasheet
93Kb / 4P
   Bluetooth extension demonstration board for STEVAL-MKI109V1
AN3412 STMICROELECTRONICS-AN3412 Datasheet
1,023Kb / 15P
   The STEVAL-CCA028V1 is a demonstration board designed
AN4127 STMICROELECTRONICS-AN4127 Datasheet
1Mb / 27P
   This document describes the STEVAL-SPBT3ATV3 demonstration board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com