Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1472 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SD1472
Description  Silicon NPN Epitaxial, Darlington
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1472 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SD1472_15 Datasheet HTML 1Page - Renesas Technology Corp 2SD1472_15 Datasheet HTML 2Page - Renesas Technology Corp 2SD1472_15 Datasheet HTML 3Page - Renesas Technology Corp 2SD1472_15 Datasheet HTML 4Page - Renesas Technology Corp 2SD1472_15 Datasheet HTML 5Page - Renesas Technology Corp 2SD1472_15 Datasheet HTML 6Page - Renesas Technology Corp 2SD1472_15 Datasheet HTML 7Page - Renesas Technology Corp 2SD1472_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SD1472
REJ03G0792-0300 Rev.3.00 Nov 30, 2007
Page 4 of 5
Transient Thermal Resistance
0.3
1.0
3
10
30
100
300
1 m
10 m
100 m
1
10
100
1,000
Ta = 25
°C
On the Alumina Ceramic Board (12.5
×30×0.7 mm)
Time t (s)


Similar Part No. - 2SD1472_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SD1472CTTR-E RENESAS-2SD1472CTTR-E Datasheet
213Kb / 6P
   Silicon NPN Epitaxial, Darlington
More results

Similar Description - 2SD1472_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1209 HITACHI-2SD1209 Datasheet
31Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SC1472 HITACHI-2SC1472 Datasheet
47Kb / 8P
   Silicon NPN Epitaxial, Darlington
2SD1470 HITACHI-2SD1470 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD1978 HITACHI-2SD1978 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD2213 HITACHI-2SD2213 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD2423 HITACHI-2SD2423 Datasheet
34Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SC3957 HITACHI-2SC3957 Datasheet
33Kb / 6P
   Silicon NPN Epitaxial, Darlington
logo
Renesas Technology Corp
2SD1978 RENESAS-2SD1978 Datasheet
159Kb / 6P
   Silicon NPN Epitaxial, Darlington
logo
Hitachi Semiconductor
2SD2046 HITACHI-2SD2046 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
logo
Renesas Technology Corp
2SD1209 RENESAS-2SD1209 Datasheet
156Kb / 6P
   Silicon NPN Epitaxial, Darlington
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com