Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2214 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA2214
Description  2 to 18 GHz 5W GaN Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2214 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA2214 Datasheet HTML 1Page - TriQuint Semiconductor TGA2214 Datasheet HTML 2Page - TriQuint Semiconductor TGA2214 Datasheet HTML 3Page - TriQuint Semiconductor TGA2214 Datasheet HTML 4Page - TriQuint Semiconductor TGA2214 Datasheet HTML 5Page - TriQuint Semiconductor TGA2214 Datasheet HTML 6Page - TriQuint Semiconductor TGA2214 Datasheet HTML 7Page - TriQuint Semiconductor TGA2214 Datasheet HTML 8Page - TriQuint Semiconductor TGA2214 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TGA2214
2 to 18 GHz 5W GaN Power Amplifier
Preliminary Datasheet: 01-26-15
- 5 of 13 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance: Large Signal
Conditions unless otherwise specified: VD = 22 V, IDQ = 450 mA, VG = -2.3 V, CW .
28
30
32
34
36
38
40
8
12
16
20
24
28
Input Power (dBm)
Output Power vs. Input Power vs. Temp.
Frequency = 10 GHz
25 °C
85 °C
-40 °C
28
30
32
34
36
38
40
8
12
16
20
24
28
Input Power (dBm)
Output Power vs. Input Power vs. Freq.
Temp = 25 °C
Temp = 25 °C
10 GHz
14GHz
6 GHz
2 GHz
18GHz
35
36
37
38
39
40
2
4
6
8
10
12
14
16
18
Frequency (GHz)
Output Power vs. Frequency vs. V
D
Temp = 25 °C, Pin = 23 dBm
22 V
20 V
35
36
37
38
39
40
2
4
6
8
10
12
14
16
18
Frequency (GHz)
Output Power vs. Frequency vs. Temp.
P
in = 23 dBm
25 °C
85 °C
-40 °C
35
36
37
38
39
40
2
4
6
8
10
12
14
16
18
Frequency (GHz)
Output Power vs. Frequency vs. I
DQ
P
in = 23 dBm, Temp = 25 °C
450 mA
225 mA


Similar Part No. - TGA2214

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2216-SM TRIQUINT-TGA2216-SM Datasheet
831Kb / 18P
   0.1 3.0GHz 10W GaN Power Amplifier
TGA2216-SM TRIQUINT-TGA2216-SM_15 Datasheet
831Kb / 18P
   0.1 3.0GHz 10W GaN Power Amplifier
logo
Qorvo, Inc
TGA2218-SM QORVO-TGA2218-SM Datasheet
748Kb / 15P
   13.4??6.5 GHz 12 W GaN Power Amplifier
TGA2218-SMEVB QORVO-TGA2218-SMEVB Datasheet
748Kb / 15P
   13.4??6.5 GHz 12 W GaN Power Amplifier
TGA2219-CP QORVO-TGA2219-CP Datasheet
460Kb / 15P
   13.4 ??16.5 GHz 25 W GaN Power Amplifier
More results

Similar Description - TGA2214

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB0220J QORVO-QPB0220J Datasheet
525Kb / 17P
   2 – 18 GHz GaN Driver Amplifier
April 2022
QPB0220N QORVO-QPB0220N Datasheet
763Kb / 11P
   2 - 18 GHz Wideband GaN Amplifier
Rev. C, April 2023
logo
Custom MMIC Design Serv...
CMD216 MMIC-CMD216 Datasheet
194Kb / 8P
   14-18 GHz GaN Power Amplifier
logo
Qorvo, Inc
CMD216 QORVO-CMD216 Datasheet
116Kb / 8P
   14-18 GHz GaN Power Amplifier
TGA2830-SM QORVO-TGA2830-SM Datasheet
1Mb / 18P
   2.7 to 3.5 GHz, 18 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2578-CP TRIQUINT-TGA2578-CP_15 Datasheet
601Kb / 12P
   2 to 6 GHz, 30W GaN Power Amplifier
TGA2594 TRIQUINT-TGA2594 Datasheet
538Kb / 12P
   27-31GHz 5W GaN Power Amplifier
TGA2958 TRIQUINT-TGA2958_15 Datasheet
561Kb / 13P
   13 to 18 GHz 2W GaN Driver Amplifier
logo
Qorvo, Inc
TGA2963-CP QORVO-TGA2963-CP Datasheet
518Kb / 17P
   6 ??18 GHz 20 W GaN Power Amplifier
QPB0220 QORVO-QPB0220 Datasheet
614Kb / 11P
   2 ??18 GHz Wideband GaN SSPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com