Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2239 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGA2239
Description  13 15.5 GHz 35 W GaN Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2239 Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGA2239_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2239_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2239_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2239_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2239_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2239_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2239_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2239_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA2239_15 Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TGA2239
13
– 15.5 GHz 35 W GaN Power Amplifier
Preliminary Datasheet: Rev - 12-12-14
- 7 of 15 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance (CW Operation)
0
1
2
3
4
5
6
12
12.5
13
13.5
14
14.5
15
15.5
16
Frequency (GHz)
Drain Current vs. Frequency vs. Temp.
V
D = 22 V, IDQ = 900 mA
25 °C, P
IN = 21 dBm
85 °C, P
IN = 24 dBm
-40 °C, P
IN = 18 dBm
0
1
2
3
4
5
6
5
7
9
11
13
15
17
19
21
23
25
Input Power (dBm)
Drain Current vs. Input Power vs. Voltage
18 V
20 V
22 V
I
DQ = 900 mA
Temp. = 25 °C
-1.0
-0.6
-0.2
0.2
0.6
1.0
12
12.5
13
13.5
14
14.5
15
15.5
16
Frequency (GHz)
Gate Current vs. Freq. vs. Drain Voltage
P
IN = 21 dBm
I
DQ = 900 mA
20 V
22 V
18 V
Temp. = 25 °C
-5
0
5
10
15
20
25
30
35
40
12
12.5
13
13.5
14
14.5
15
15.5
16
Frequency (GHz)
Gate Current vs. Frequency vs. Temp.
V
D = 22 V, IDQ = 900 mA
25 °C, P
IN = 21 dBm
85 °C, P
IN = 24 dBm
-40 °C, P
IN = 18 dBm
-5
5
15
25
35
45
55
5
7
9
11
13
15
17
19
21
23
25
Input Power (dBm)
Gate Current vs. Input Power vs. Voltage
18 V
20 V
22 V
I
DQ = 900 mA
Temp. = 25 °C
0
1
2
3
4
5
6
12
12.5
13
13.5
14
14.5
15
15.5
16
Frequency (GHz)
Drain Current vs. Freq. vs. Drain Voltage
P
IN = 21 dBm
I
DQ = 900 mA
20 V
22 V
18 V
Temp. = 25 °C


Similar Part No. - TGA2239_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2239-CP QORVO-TGA2239-CP Datasheet
524Kb / 15P
   13.4 ??15.5 GHz 50 W GaN Power Amplifier
TGA2239-CPEVB QORVO-TGA2239-CPEVB Datasheet
524Kb / 15P
   13.4 ??15.5 GHz 50 W GaN Power Amplifier
More results

Similar Description - TGA2239_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2239 QORVO-TGA2239 Datasheet
535Kb / 15P
   13 ??15.5 GHz 35 W GaN Power Amplifier
TGA2239-CP QORVO-TGA2239-CP Datasheet
524Kb / 15P
   13.4 ??15.5 GHz 50 W GaN Power Amplifier
logo
WOLFSPEED, INC.
CMPA901A035F1 WOLFSPEED-CMPA901A035F1 Datasheet
1Mb / 15P
   35 W, 9.0 - 10 GHz, GaN MMIC, Power Amplifier
Rev 0.0 March 2021
CMPA2060035F WOLFSPEED-CMPA2060035F Datasheet
1,021Kb / 10P
   35 W, 2.0 - 6.0 GHz, GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-26
logo
TriQuint Semiconductor
TGA2622-CP TRIQUINT-TGA2622-CP_15 Datasheet
611Kb / 15P
   9 to 10 GHz 35 W GaN Power Amplifier
logo
WOLFSPEED, INC.
CMPA801B030F1 WOLFSPEED-CMPA801B030F1 Datasheet
1Mb / 16P
   35 W, 8.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 0.0 February 2021
CMPA901A035F WOLFSPEED-CMPA901A035F Datasheet
1Mb / 22P
   35 W, 9.0 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 0.4 April 2021
CMPA2060035D WOLFSPEED-CMPA2060035D Datasheet
400Kb / 8P
   35 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 0.1 April 2020
CMPA2060035F1 WOLFSPEED-CMPA2060035F1 Datasheet
1Mb / 17P
   35 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 0.2 September 2021
logo
Analog Devices
ADPA1107 AD-ADPA1107 Datasheet
356Kb / 20P
   45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com