Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2243-SM Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA2243-SM
Description  11 17 GHz 3-Stage Driver Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2243-SM Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA2243-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2243-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2243-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2243-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2243-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2243-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2243-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2243-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2243-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TGA2243-SM
11
– 17 GHz 3-Stage Driver Amplifier
Datasheet: Rev - 10-16-14
- 2 of 15 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
Operating Temp. Range
-40
+25
+85
°C
Vd
7
V
Id
85
mA
Id drive (Under RF Drive)
85
mA
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Drain Voltage,Vd
10 V
Drain Current, Id
114 mA
Power Dissipation, Pdiss
1.14 W
RF Input Power, CW,
50Ω, T = 25ºC
20 dBm
Channel Temperature, Tch
200 °C
Mounting Temperature (30 Seconds)
260 oC
Storage Temperature
-40 to 150 oC
Operation of this device outside the parameter ranges
given above may cause permanent damage. These are
stress ratings only, and functional operation of the device at
these conditions is not implied.


Similar Part No. - TGA2243-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2243 TRIQUINT-TGA2243 Datasheet
891Kb / 13P
   12 16.5 GHz 3-Stage Driver Amplifier
TGA2243 TRIQUINT-TGA2243_15 Datasheet
891Kb / 13P
   12 16.5 GHz 3-Stage Driver Amplifier
More results

Similar Description - TGA2243-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2243 TRIQUINT-TGA2243_15 Datasheet
891Kb / 13P
   12 16.5 GHz 3-Stage Driver Amplifier
TGA2565-SM TRIQUINT-TGA2565-SM_15 Datasheet
621Kb / 13P
   11 17 GHz Medium Power Amplifier
logo
Qorvo, Inc
TGA2565-SM QORVO-TGA2565-SM Datasheet
676Kb / 13P
   11-17 GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA2507 TRIQUINT-TGA2507_15 Datasheet
298Kb / 10P
   12 18 GHz Ku-Band 3-Stage Driver Amplifier
TGA2507-EPU TRIQUINT-TGA2507-EPU Datasheet
218Kb / 10P
   12-18 GHz Ku-Band 3-Stage Driver Amplifier
logo
Marki Microwave
AMM-7199 MARKIMICROWAVE-AMM-7199 Datasheet
5Mb / 17P
   11 GHz ??38 GHz GaAs Driver Amplifier
logo
TriQuint Semiconductor
TGA2521-SM TRIQUINT-TGA2521-SM_15 Datasheet
973Kb / 18P
   17 24 GHz Linear Driver Amplifier
logo
Qorvo, Inc
TGA2521-SM QORVO-TGA2521-SM Datasheet
973Kb / 18P
   17-24 GHz Linear Driver Amplifier
logo
TriQuint Semiconductor
TGA2625-CP TRIQUINT-TGA2625-CP_15 Datasheet
578Kb / 15P
   10 to 11 GHz, 17 W GaN Power Amplifier
logo
First Silicon Co., Ltd
FTA916 FS-FTA916 Datasheet
97Kb / 2P
   Driver stage amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com