Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2505 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA2505
Description  13 17 GHz 2.5 Watt, 25dB Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2505 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA2505 Datasheet HTML 4Page - TriQuint Semiconductor TGA2505 Datasheet HTML 5Page - TriQuint Semiconductor TGA2505 Datasheet HTML 6Page - TriQuint Semiconductor TGA2505 Datasheet HTML 7Page - TriQuint Semiconductor TGA2505 Datasheet HTML 8Page - TriQuint Semiconductor TGA2505 Datasheet HTML 9Page - TriQuint Semiconductor TGA2505 Datasheet HTML 10Page - TriQuint Semiconductor TGA2505 Datasheet HTML 11Page - TriQuint Semiconductor TGA2505 Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
TGA2505
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Power Detector
40K
Ω
40K
Ω
+5V
Vdet
Vref
50
Ω
RF out
DUT
5pF
MMIC
External


Similar Part No. - TGA2505

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2505 TRIQUINT-TGA2505 Datasheet
172Kb / 11P
   13 - 17 GHz 2.5 Watt, 25dB Power Amplifier
More results

Similar Description - TGA2505

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2505 TRIQUINT-TGA2505 Datasheet
172Kb / 11P
   13 - 17 GHz 2.5 Watt, 25dB Power Amplifier
TGA2503-EPU TRIQUINT-TGA2503-EPU Datasheet
236Kb / 11P
   13 - 17 GHz 2 Watt, 32dB Power Amplifier
TGA2503 TRIQUINT-TGA2503_15 Datasheet
666Kb / 12P
   13 17 GHz 2 Watt, 32dB Power Amplifier
logo
Mimix Broadband
CMM1434-SM MIMIX-CMM1434-SM Datasheet
138Kb / 3P
   13.50-14.50 GHz 2.5-Watt Power Amplifier
CMM1434-SM MIMIX-CMM1434-SM_07 Datasheet
155Kb / 4P
   13.50-14.50 GHz 2.5-Watt Power Amplifier
CMM1434-SM_0708 MIMIX-CMM1434-SM_0708 Datasheet
134Kb / 4P
   13.50-14.50 GHz 2.5-Watt Power Amplifier
logo
Qorvo, Inc
QPA2229D QORVO-QPA2229D Datasheet
1Mb / 24P
   34 ??36 GHz 13 Watt GaN Power Amplifier
logo
Mimix Broadband
CMM2321-AK MIMIX-CMM2321-AK Datasheet
465Kb / 4P
   2.3 to 2.5 GHz 1 Watt Power Amplifier
logo
List of Unclassifed Man...
CMM2321 ETC-CMM2321 Datasheet
90Kb / 4P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
logo
Mimix Broadband
CMM2321 MIMIX-CMM2321 Datasheet
279Kb / 5P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com