Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4200 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4200
Description  Four-layer demonstration board based on the STA333IS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4200 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4200 Datasheet HTML 7Page - STMicroelectronics AN4200 Datasheet HTML 8Page - STMicroelectronics AN4200 Datasheet HTML 9Page - STMicroelectronics AN4200 Datasheet HTML 10Page - STMicroelectronics AN4200 Datasheet HTML 11Page - STMicroelectronics AN4200 Datasheet HTML 12Page - STMicroelectronics AN4200 Datasheet HTML 13Page - STMicroelectronics AN4200 Datasheet HTML 14Page - STMicroelectronics AN4200 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DocID023918 Rev 1
11/20
AN4200
Test results
20
Figure 10. Frequency response - VCC = 12.5 V, load = 8 , Pout = 1 W at 1 kHz
Figure 11. Crosstalk - VCC = 12.5 V, load = 8 , Pout = 1 W at 1 kHz
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Red
Solid
2
Anlr.Level A
Left
Ch1; Vcc= 12.5V, 1kHz, 8ohm
1
2
Blue
Solid
2
Anlr.Level B
Right
Ch1; Vcc= 12.5V, 1kHz, 8ohm
-3
+3
-2.5
-2
-1.5
-1
-0.5
+0
+0.5
+1
+1.5
+2
+2.5
d
B
r
B
-3
+3
-2.5
-2
-1.5
-1
-0.5
+0
+0.5
+1
+1.5
+2
+2.5
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Red
Solid
2
Anlr.Crosstalk
Left
Ch2 =off; Vcc=12.5V, Ref:0dB@1W@1kHz, 8ohm
1
2
Blue
Solid
2
Anlr.Crosstalk
Left
Ch1 =off; Vcc=12.5V, Ref:0dB@1W@1kHz, 8ohm
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
-180
+0
-160
-140
-120
-100
-80
-60
-40
-20
d
B
TTT
T
TT
T T TT TT


Similar Part No. - AN4200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN420 STMICROELECTRONICS-AN420 Datasheet
125Kb / 16P
   Occasionally the analog signal provided by external sensors require
AN4205 STMICROELECTRONICS-AN4205 Datasheet
884Kb / 23P
   The most recent developments in energy savings fit perfectly
AN4206 STMICROELECTRONICS-AN4206 Datasheet
769Kb / 34P
   Getting started with STM32F3 series hardware development
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
   The STM32F37x series of microcontrollers combines
AN4208 STMICROELECTRONICS-AN4208 Datasheet
288Kb / 16P
   package description and recommendations for use
More results

Similar Description - AN4200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4199 STMICROELECTRONICS-AN4199 Datasheet
2Mb / 23P
   Two-layer demonstration board based on the STA333IS
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
   Connectivity gateway demonstration board based on the STM32F107
STEVAL-ICB007V1 STMICROELECTRONICS-STEVAL-ICB007V1 Datasheet
71Kb / 4P
   Capacitive touch demonstration board based on the STMPE321
STEVAL-CCM001V2 STMICROELECTRONICS-STEVAL-CCM001V2 Datasheet
189Kb / 7P
   Graphic panel demonstration board based on the STM32
STEVAL-TDR029V1 STMICROELECTRONICS-STEVAL-TDR029V1 Datasheet
192Kb / 10P
   RF power amplifier demonstration board based on the STAC2942B
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
   LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
   LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com