Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2507 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA2507
Description  12 18 GHz Ku-Band 3-Stage Driver Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2507 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA2507_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2507_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2507_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2507_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2507_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2507_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2507_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2507_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2507_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Product Data Sheet
August 5, 2008
2
TABLE I
MAXIMUM RATINGS 1/
SYMBOL
PARAMETER
VALUE
NOTES
V
+
Positive Supply Voltage
8 V
2/
I
+
Positive Supply Current
114 mA
2/
PIN
Input Continuous Wave Power
20 dBm
PD
Power Dissipation
0.91 W
2/ 3/
TCH
Operating Channel Temperature
150
0C4/ 5/
TM
Mounting Temperature (30 Seconds)
320
0C
TSTG
Storage Temperature
-65 to 150
0C
1/
These ratings represent the maximum operable values for this device
2/
Combinations of supply voltage, supply current, input power, and output power shall not
exceed PD.
3/
When operated at this power dissipation with a base plate temperature of 70
° C, the median
life is 1.8 E+6 hrs.
4/
Combinations of supply voltage, supply current, input power, and output power shall not
exceed PD.
5/
These ratings apply to each individual FET.
TGA2507
TABLE II
DC PROBE TESTS
(TA = 25 °C Nominal)
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
VALUE
VBVGS3
Breakdown Voltage gate-source
-30
-11
V
VBVGD3
Breakdown Voltage gate-drain
-30
-11
V
VP2
Pinch-off Voltage
-1.5
-0.3
V
VP3
Pinch-off Voltage
-1.5
-0.3
V


Similar Part No. - TGA2507_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2507-EPU TRIQUINT-TGA2507-EPU Datasheet
218Kb / 10P
   12-18 GHz Ku-Band 3-Stage Driver Amplifier
TGA2507-SM TRIQUINT-TGA2507-SM Datasheet
113Kb / 10P
   Ku-Band 3-Stage Driver Packaged Amplifier
TGA2507-SM TRIQUINT-TGA2507-SM Datasheet
311Kb / 11P
   Ku-Band 3-Stage Driver Packaged Amplifier
TGA2507-SM TRIQUINT-TGA2507-SM_15 Datasheet
311Kb / 11P
   Ku-Band 3-Stage Driver Packaged Amplifier
More results

Similar Description - TGA2507_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2507-EPU TRIQUINT-TGA2507-EPU Datasheet
218Kb / 10P
   12-18 GHz Ku-Band 3-Stage Driver Amplifier
TGA2506 TRIQUINT-TGA2506_15 Datasheet
286Kb / 11P
   12 18 GHz Ku-Band 2-Stage Driver Amplifier
TGA2506-EPU TRIQUINT-TGA2506-EPU Datasheet
191Kb / 11P
   12-18 GHz Ku-Band 2-Stage Driver Amplifier
TGA2507-SM TRIQUINT-TGA2507-SM Datasheet
113Kb / 10P
   Ku-Band 3-Stage Driver Packaged Amplifier
TGA2507-SM TRIQUINT-TGA2507-SM_15 Datasheet
311Kb / 11P
   Ku-Band 3-Stage Driver Packaged Amplifier
TGA2243 TRIQUINT-TGA2243_15 Datasheet
891Kb / 13P
   12 16.5 GHz 3-Stage Driver Amplifier
logo
Tyco Electronics
MAAP-000042-PKG003 MACOM-MAAP-000042-PKG003 Datasheet
393Kb / 9P
   Amplifier, Power, 1W, X/Ku-Band 12-16 GHz
logo
Qorvo, Inc
TGA2524-SM QORVO-TGA2524-SM Datasheet
544Kb / 13P
   Ku Band GaAs Driver Amplifier
logo
TriQuint Semiconductor
TGA2243-SM TRIQUINT-TGA2243-SM_15 Datasheet
974Kb / 15P
   11 17 GHz 3-Stage Driver Amplifier
logo
List of Unclassifed Man...
RMDA1840 ETC-RMDA1840 Datasheet
389Kb / 7P
   18-40 GHz Broad Band Driver Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com