Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2507 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGA2507
Description  12 18 GHz Ku-Band 3-Stage Driver Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2507 Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGA2507 Datasheet HTML 2Page - TriQuint Semiconductor TGA2507 Datasheet HTML 3Page - TriQuint Semiconductor TGA2507 Datasheet HTML 4Page - TriQuint Semiconductor TGA2507 Datasheet HTML 5Page - TriQuint Semiconductor TGA2507 Datasheet HTML 6Page - TriQuint Semiconductor TGA2507 Datasheet HTML 7Page - TriQuint Semiconductor TGA2507 Datasheet HTML 8Page - TriQuint Semiconductor TGA2507 Datasheet HTML 9Page - TriQuint Semiconductor TGA2507 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Product Data Sheet
August 5, 2008
7
Preliminary Measured Data
Bias Conditions: Vd = 5, 6, 7 V, Id = 80 mA
20
22
24
26
28
30
32
34
12
13
14
15
16
17
18
Frequency (GHz)
5V
6V
7V
TGA2507


Similar Part No. - TGA2507

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2507-EPU TRIQUINT-TGA2507-EPU Datasheet
218Kb / 10P
   12-18 GHz Ku-Band 3-Stage Driver Amplifier
TGA2507-SM TRIQUINT-TGA2507-SM Datasheet
113Kb / 10P
   Ku-Band 3-Stage Driver Packaged Amplifier
TGA2507-SM TRIQUINT-TGA2507-SM Datasheet
311Kb / 11P
   Ku-Band 3-Stage Driver Packaged Amplifier
TGA2507-SM TRIQUINT-TGA2507-SM_15 Datasheet
311Kb / 11P
   Ku-Band 3-Stage Driver Packaged Amplifier
More results

Similar Description - TGA2507

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2507-EPU TRIQUINT-TGA2507-EPU Datasheet
218Kb / 10P
   12-18 GHz Ku-Band 3-Stage Driver Amplifier
TGA2506 TRIQUINT-TGA2506_15 Datasheet
286Kb / 11P
   12 18 GHz Ku-Band 2-Stage Driver Amplifier
TGA2506-EPU TRIQUINT-TGA2506-EPU Datasheet
191Kb / 11P
   12-18 GHz Ku-Band 2-Stage Driver Amplifier
TGA2507-SM TRIQUINT-TGA2507-SM Datasheet
113Kb / 10P
   Ku-Band 3-Stage Driver Packaged Amplifier
TGA2507-SM TRIQUINT-TGA2507-SM_15 Datasheet
311Kb / 11P
   Ku-Band 3-Stage Driver Packaged Amplifier
TGA2243 TRIQUINT-TGA2243_15 Datasheet
891Kb / 13P
   12 16.5 GHz 3-Stage Driver Amplifier
logo
Tyco Electronics
MAAP-000042-PKG003 MACOM-MAAP-000042-PKG003 Datasheet
393Kb / 9P
   Amplifier, Power, 1W, X/Ku-Band 12-16 GHz
logo
Qorvo, Inc
TGA2524-SM QORVO-TGA2524-SM Datasheet
544Kb / 13P
   Ku Band GaAs Driver Amplifier
logo
TriQuint Semiconductor
TGA2243-SM TRIQUINT-TGA2243-SM_15 Datasheet
974Kb / 15P
   11 17 GHz 3-Stage Driver Amplifier
logo
List of Unclassifed Man...
RMDA1840 ETC-RMDA1840 Datasheet
389Kb / 7P
   18-40 GHz Broad Band Driver Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com