Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2509-FL Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA2509-FL
Description  Wideband 1 W HPA with AGC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2509-FL Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA2509-FL_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2509-FL_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2509-FL_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2509-FL_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2509-FL_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2509-FL_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2509-FL_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2509-FL_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2509-FL_15 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Product Data Sheet
9
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994-8504 Email: info-mmw@tqs.com Web: www.triquint.com
May 2012 © Rev –
Typical Evaluation Board Layout
LOT CODE
DATE CODE
TGA2509
6
4
9
10
1
7 8
5
Vc
Vg2
Vd
Vg1
3
2
11
33uF
33uF
33uF
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
COMPONENT
VALUE
1, 4, 9,10
1 uF
2, 5, 9
10
Ω
3, 6, 7
0.01 uF
11
100
Ω
TGA2509-FL


Similar Part No. - TGA2509-FL_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2509-EPU-FL TRIQUINT-TGA2509-EPU-FL Datasheet
264Kb / 12P
   Wideband Packaged HPA with AGC
More results

Similar Description - TGA2509-FL_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2509 TRIQUINT-TGA2509 Datasheet
180Kb / 7P
   Wideband 1 W HPA with AGC
TGA2509-EPU-FL TRIQUINT-TGA2509-EPU-FL Datasheet
264Kb / 12P
   Wideband Packaged HPA with AGC
TGA2509 TRIQUINT-TGA2509_15 Datasheet
432Kb / 8P
   Wideband 1W HPA with AGC
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
   Wideband LNA with AGC
logo
WOLFSPEED, INC.
CMPA1D1J001S WOLFSPEED-CMPA1D1J001S Datasheet
912Kb / 18P
   12.7 – 18 GHz, 1 W GaN HPA
Rev. 0.0 February 2023
logo
Zarlink Semiconductor I...
SL6140 ZARLINK-SL6140 Datasheet
476Kb / 10P
   400MHZ WIDEBAND AGC AMPLIFIER
logo
Mitel Networks Corporat...
SL6140 MITEL-SL6140 Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
ML1490 LANSDALE-ML1490 Datasheet
545Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC_15 Datasheet
119Kb / 7P
   2 20 GHz Wideband AGC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com