Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2512 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA2512
Description  X Band Low Noise Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2512 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA2512 Datasheet HTML 5Page - TriQuint Semiconductor TGA2512 Datasheet HTML 6Page - TriQuint Semiconductor TGA2512 Datasheet HTML 7Page - TriQuint Semiconductor TGA2512 Datasheet HTML 8Page - TriQuint Semiconductor TGA2512 Datasheet HTML 9Page - TriQuint Semiconductor TGA2512 Datasheet HTML 10Page - TriQuint Semiconductor TGA2512 Datasheet HTML 11Page - TriQuint Semiconductor TGA2512 Datasheet HTML 12Page - TriQuint Semiconductor TGA2512 Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
9
TGA2512
May 2009 © Rev -
Measured Fixtured Data
Bias Conditions: Self Bias Vd = 5 V, Id = 90 mA
14
16
18
20
22
24
26
28
30
32
34
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
Frequency (GHz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
Frequency (GHz)


Similar Part No. - TGA2512

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2512 TRIQUINT-TGA2512 Datasheet
315Kb / 18P
   X-Band Low Noise Amplifier
TGA2512-SM TRIQUINT-TGA2512-SM Datasheet
315Kb / 18P
   4 - 14 GHz balanced LNA
TGA2512-SM TRIQUINT-TGA2512-SM Datasheet
807Kb / 19P
   4 14 GHz Balanced LNA
TGA2512-SM TRIQUINT-TGA2512-SM_15 Datasheet
807Kb / 19P
   4 14 GHz Balanced LNA
More results

Similar Description - TGA2512

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528 Datasheet
450Kb / 7P
   X-Band Low Noise Amplifier
logo
TriQuint Semiconductor
TGA2511 TRIQUINT-TGA2511 Datasheet
163Kb / 14P
   X-Band Low Noise Amplifier
TGA2511 TRIQUINT-TGA2511_15 Datasheet
404Kb / 15P
   X Band Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528_15 Datasheet
979Kb / 8P
   X-Band Low Noise Amplifier
logo
TriQuint Semiconductor
TGA2512 TRIQUINT-TGA2512 Datasheet
315Kb / 18P
   X-Band Low Noise Amplifier
TGA2600 TRIQUINT-TGA2600 Datasheet
166Kb / 9P
   X-band Ultra Low Noise Amplifier
logo
Tyco Electronics
MA01502D MACOM-MA01502D_1 Datasheet
319Kb / 6P
   X-Band Limiter/Low Noise Amplifier 8.5 -12.0 GHz
MA01503D MACOM-MA01503D_1 Datasheet
348Kb / 7P
   X-Band Limiter/Low Noise Amplifier 8.5 -12.0 GHz
logo
Filtronic Compound Semi...
FMA411 FILTRONIC-FMA411 Datasheet
227Kb / 3P
   LOW-NOISE X-BAND MMIC
logo
TriQuint Semiconductor
TGA4508 TRIQUINT-TGA4508_15 Datasheet
359Kb / 11P
   Ka Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com