Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2513 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA2513
Description  Wideband LNA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2513 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA2513_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2513_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2513_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2513_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2513_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2513_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2513_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2513_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2513_15 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
TGA2513
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
Recommended Assembly Diagram
100 pF
100 pF
Vg2
Vd
Vg1
RF IN
RF OUT


Similar Part No. - TGA2513_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
   Wideband LNA with AGC
TGA2513-SM TRIQUINT-TGA2513-SM Datasheet
183Kb / 10P
   2-20 GHz LNA with AGC
TGA2513-SM TRIQUINT-TGA2513-SM Datasheet
613Kb / 12P
   2 20 GHz LNA/Gain Block
TGA2513-SM TRIQUINT-TGA2513-SM_15 Datasheet
613Kb / 12P
   2 20 GHz LNA/Gain Block
More results

Similar Description - TGA2513_15

ManufacturerPart #DatasheetDescription
logo
RFHIC
WL1008-L RFHIC-WL1008-L Datasheet
677Kb / 5P
   Wideband LNA
logo
TriQuint Semiconductor
TGA2513 TRIQUINT-TGA2513 Datasheet
103Kb / 9P
   Wideband LNA
logo
RFHIC
WL2205-L RFHIC-WL2205-L Datasheet
232Kb / 4P
   Wideband LNA
WL2210-L RFHIC-WL2210-L Datasheet
238Kb / 4P
   Wideband LNA
logo
Mini-Circuits
AVA-0233LN++ MINI-AVA-0233LN+ Datasheet
556Kb / 7P
   Wideband LNA
REV. A
logo
RFHIC
WL1008-L RFHIC-WL1008-L Datasheet
659Kb / 4P
   Wideband LNA
WLP0640 RFHIC-WLP0640 Datasheet
405Kb / 4P
   Wideband LNA
WL0510 RFHIC-WL0510 Datasheet
223Kb / 4P
   Wideband LNA
logo
TriQuint Semiconductor
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
   Wideband LNA with AGC
TGA1319C-EPU TRIQUINT-TGA1319C-EPU Datasheet
221Kb / 6P
   Ka Band Wideband LNA/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com