Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2510-TS Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA2510-TS
Description  Ku Band, 2 Watt Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2510-TS Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA2510-TS_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2510-TS_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2510-TS_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2510-TS_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2510-TS_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2510-TS_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2510-TS_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA2510-TS_15 Datasheet HTML 11Page - TriQuint Semiconductor TGA2510-TS_15 Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TriQuint Semiconductor www.triquint.com (972)994-8465 Fax: (972)994-8504 info-mmw@tqs.com
November 2011 © Rev C
10
40K
Ω
40K
Ω
+5V
Vdet
Vref
50
Ω
RF out
DUT
5pF
Chip
External
Power Detector
TGA2510-TS


Similar Part No. - TGA2510-TS_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2510-EPU TRIQUINT-TGA2510-EPU Datasheet
264Kb / 11P
   Ku Band, 2 Watt Power Amplifier
TGA2510-EPU-SG TRIQUINT-TGA2510-EPU-SG Datasheet
203Kb / 11P
   Ku Band 2 Watt Packaged Amplifier
More results

Similar Description - TGA2510-TS_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2510-EPU TRIQUINT-TGA2510-EPU Datasheet
264Kb / 11P
   Ku Band, 2 Watt Power Amplifier
TGA2510 TRIQUINT-TGA2510_15 Datasheet
557Kb / 11P
   Ku Band, 2 Watt Power Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL Datasheet
154Kb / 7P
   Ku Band 2 Watt Packaged Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL_15 Datasheet
422Kb / 8P
   Ku Band 2 Watt Packaged Amplifier
TGA2510-EPU-SG TRIQUINT-TGA2510-EPU-SG Datasheet
203Kb / 11P
   Ku Band 2 Watt Packaged Amplifier
TGA2514-FL TRIQUINT-TGA2514-FL Datasheet
202Kb / 10P
   6.5 Watt Ku Band Power Amplifier
TGA2514-EPU-FL TRIQUINT-TGA2514-EPU-FL Datasheet
147Kb / 9P
   6.5 Watt Ku Band Power Amplifier
TGA2514-FL TRIQUINT-TGA2514-FL_15 Datasheet
373Kb / 11P
   6.5 Watt Ku Band Power Amplifier
TGA2536-FL TRIQUINT-TGA2536-FL Datasheet
285Kb / 10P
   5.5 Watt Ku-Band Power Amplifier
TGA2579-FL TRIQUINT-TGA2579-FL_15 Datasheet
480Kb / 12P
   25 Watt Ku-Band GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com