Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2513-SM Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA2513-SM
Description  2 20 GHz LNA/Gain Block
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2513-SM Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA2513-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA2513-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA2513-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA2513-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2513-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2513-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2513-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2513-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2513-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Advance Product Information
3
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
April 2012 © Rev A
TABLE III
THERMAL INFORMATION
Parameter
Test Conditions
TCH
(
oC)
θJC
(
°C/W)
TM
(HRS)
θJC Thermal Resistance
(channel to backside of
carrier)
Vd = 5 V
Id = 75 mA
Pdiss = 0.375 W
97
32
8.1 E+6
Note: Worst case condition with no RF applied, 100% of DC power is
dissipated. Package temperature @ 85
°C
TABLE II
RF CHARACTERIZATION TABLE
(TA = 25 °C, Nominal)
Vd = 5V, Id = 75 mA Vg2 = 2V Vg1 = ~ -60 mV
SYMBOL
PARAMETER
TEST
CONDITION
NOMINAL
UNITS
Gain
Small Signal Gain
f = 2-20 GHz
17
dB
IRL
Input Return Loss
f = 2-20 GHz
12
dB
ORL
Output Return Loss
f = 2-20 GHz
10
dB
NF
Noise Figure
f = 2-20 GHz
3
dB
P1dB
Output Power @
1dB Gain
Compression
f = 2-20 GHz
16
dBm
TGA2513-SM


Similar Part No. - TGA2513-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2513-SM TRIQUINT-TGA2513-SM Datasheet
183Kb / 10P
   2-20 GHz LNA with AGC
More results

Similar Description - TGA2513-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8622 TRIQUINT-TGA8622 Datasheet
579Kb / 7P
   2 - 20 GHz Gain Block Amplifier
logo
Qorvo, Inc
TGA2567-SM QORVO-TGA2567-SM Datasheet
756Kb / 11P
   2 ??20 GHz LNA Amplifier
October 2019
logo
TriQuint Semiconductor
TGA2567-SM TRIQUINT-TGA2567-SM_15 Datasheet
583Kb / 11P
   2 20 GHz LNA Amplifier
TGA2513-SM TRIQUINT-TGA2513-SM Datasheet
183Kb / 10P
   2-20 GHz LNA with AGC
logo
Hittite Microwave Corpo...
HMC-C001 HITTITE-HMC-C001 Datasheet
421Kb / 4P
   WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C002 HITTITE-HMC-C002 Datasheet
500Kb / 4P
   WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C022 HITTITE-HMC-C022 Datasheet
437Kb / 6P
   WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C001 HITTITE-HMC-C001_07 Datasheet
213Kb / 4P
   WIDEBAND LNA MODULE, 2 - 20 GHz
logo
BeRex Corporation
BNT01 BEREX-BNT01_18 Datasheet
983Kb / 17P
   1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
BNT01 BEREX-BNT01 Datasheet
1Mb / 17P
   1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com