Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2522-SM Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA2522-SM
Description  17 24 GHz Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2522-SM Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA2522-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2522-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2522-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2522-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2522-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2522-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2522-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2522-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2522-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
TGA2522-SM
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
April 2012 © Rev D
Measured Data
Measured Data
Bias conditions: Vd = 5 V, Id = 712 mA, Vg = -0.5 V Typical


Similar Part No. - TGA2522-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2520 TRIQUINT-TGA2520 Datasheet
258Kb / 9P
   12-16 GHz High Linearity Amplifier
TGA2521-SM TRIQUINT-TGA2521-SM Datasheet
973Kb / 18P
   17 24 GHz Linear Driver Amplifier
logo
Qorvo, Inc
TGA2521-SM QORVO-TGA2521-SM Datasheet
973Kb / 18P
   17-24 GHz Linear Driver Amplifier
logo
TriQuint Semiconductor
TGA2521-SM TRIQUINT-TGA2521-SM_15 Datasheet
973Kb / 18P
   17 24 GHz Linear Driver Amplifier
TGA2524-SM TRIQUINT-TGA2524-SM Datasheet
878Kb / 14P
   Ku-Band Power Amplifier
More results

Similar Description - TGA2522-SM_15

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C020 HITTITE-HMC-C020 Datasheet
266Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 17 - 24 GHz
HMC498LC4 HITTITE-HMC498LC4_09 Datasheet
231Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
HMC498LC4 HITTITE-HMC498LC4 Datasheet
333Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
logo
Analog Devices
HMC498LC4 AD-HMC498LC4 Datasheet
287Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
logo
Hittite Microwave Corpo...
HMC498 HITTITE-HMC498_10 Datasheet
259Kb / 6P
   GaAs pHEMT MMIC POWER AMPLIFIER, 17 - 24 GHz
HMC498 HITTITE-HMC498 Datasheet
210Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, 17 - 24 GHz
logo
TriQuint Semiconductor
TGA2521-SM TRIQUINT-TGA2521-SM_15 Datasheet
973Kb / 18P
   17 24 GHz Linear Driver Amplifier
logo
Qorvo, Inc
TGA2521-SM QORVO-TGA2521-SM Datasheet
973Kb / 18P
   17-24 GHz Linear Driver Amplifier
logo
TriQuint Semiconductor
TGA9088A TRIQUINT-TGA9088A Datasheet
461Kb / 4P
   17-21 GHz Intermediate Power Amplifier
TGA9088A-SCC TRIQUINT-TGA9088A-SCC_15 Datasheet
166Kb / 8P
   17-21 GHz Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com