Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2526 Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGA2526
Description  2 20 GHz Low Noise Amplifier with AGC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2526 Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGA2526_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2526_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2526_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2526_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2526_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2526_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA2526_15 Datasheet HTML 11Page - TriQuint Semiconductor TGA2526_15 Datasheet HTML 12Page - TriQuint Semiconductor TGA2526_15 Datasheet HTML 13Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
TGA2526
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
January 2014 Rev A
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
Mechanical Drawing
Units: millimeters
Thickness: 0.10
Die x,y size tolerance: +/ - 0.050
Chip edge to bond pad dimensions are shown to center of pad
Ground is backside of die
Bond Pad # 1
RF In
0.100 x 0.158
Bond Pad # 4
Vd1
0.110 x 0.135
Bond Pad # 2
Vg2
0.100 x 0.100
Bond Pad # 5
RF Out
0.100 x 0.158
Bond Pad # 3
Vd2
(Not used)
0.135 x 0.110
Bond Pad # 6
Vg1
0.100 x 0.100


Similar Part No. - TGA2526_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2526-XCCSPACE QORVO-TGA2526-XCCSPACE Datasheet
293Kb / 14P
   2-20 GHz Low Noise Amplifier with AGC
TGA2526EVB1 QORVO-TGA2526EVB1 Datasheet
293Kb / 14P
   2-20 GHz Low Noise Amplifier with AGC
More results

Similar Description - TGA2526_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2526 QORVO-TGA2526 Datasheet
293Kb / 14P
   2-20 GHz Low Noise Amplifier with AGC
logo
Analog Devices
ADH463S AD-ADH463S Datasheet
303Kb / 7P
   2 to 20 GHz Low Noise AGC Amplifier
Rev. A
logo
TriQuint Semiconductor
TGA2525 TRIQUINT-TGA2525_15 Datasheet
498Kb / 12P
   2 18 GHz Low Noise Amplifier with AGC
logo
Qorvo, Inc
TGA2525 QORVO-TGA2525 Datasheet
584Kb / 13P
   2-18 GHz Low Noise Amplifier with AGC
logo
Hittite Microwave Corpo...
HMC463LH250 HITTITE-HMC463LH250_10 Datasheet
262Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463 HITTITE-HMC463_10 Datasheet
310Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463LP5 HITTITE-HMC463LP5_11 Datasheet
734Kb / 8P
   GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463LH250 HITTITE-HMC463LH250 Datasheet
350Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC_15 Datasheet
119Kb / 7P
   2 20 GHz Wideband AGC Amplifier
TGA1342 TRIQUINT-TGA1342 Datasheet
124Kb / 4P
   2 -20 GHz Wideband AGC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com