Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2527-SM Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGA2527-SM
Description  Ku-Band Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2527-SM Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGA2527-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA2527-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA2527-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2527-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2527-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2527-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2527-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2527-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA2527-SM Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TGA2527-SM
Ku-Band Power Amplifier
Preliminary Data Sheet: Rev a 08/07/13
- 6 of 13 -
Disclaimer: Subject to change without notice
© 2013 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Typical Performance (cont.)
25
26
27
28
29
30
31
32
33
12
12.5
13
13.5
14
14.5
15
15.5
16
Frequency (GHz)
Psat vs. Frequency vs. Temperature
Vd = 6 V, Id = 650 mA, Vg = -0.55 V Typical
-40C
+25C
+85C
25
26
27
28
29
30
31
32
33
12
12.5
13
13.5
14
14.5
15
15.5
16
Frequency (GHz)
P1dB vs. Frequency vs. Bias
Vd = 5 - 6 V, Id = 650 - 700 mA, +25 0C
6V 700mA
6V 650mA
6V 600mA
5V 650mA
35
36
37
38
39
40
41
42
12
12.5
13
13.5
14
14.5
15
15.5
16
Frequency (GHz)
TOI vs. Frequency vs. Bias
Vd = 5 - 6 V, Id = 600 - 700 mA, +25 0C
6V 700mA
6V 650mA
6V 600mA
5V 650mA
18
19
20
21
22
23
24
25
26
27
28
12
12.5
13
13.5
14
14.5
15
15.5
16
Frequency (GHz)
Gain vs. Frequency vs. Temperature
Vd = 6 V, Id = 650 mA, Vg = -0.55 V Typical
-40C
+25C
+85C
25
26
27
28
29
30
31
32
33
12
12.5
13
13.5
14
14.5
15
15.5
16
Frequency (GHz)
P1dB vs. Frequency vs. Temperature
Vd = 6 V, Id = 650 mA, Vg = -0.55 V Typical
-40C
+25C
+85C
36
37
38
39
40
41
42
43
12
12.5
13
13.5
14
14.5
15
15.5
16
Frequency (GHz)
TOI vs. Frequency vs. Temperature
Vd = 6 V, Id = 650 mA, Vg = -0.55 V Typical
-40C
+25C
+85C


Similar Part No. - TGA2527-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2527-SM TRIQUINT-TGA2527-SM Datasheet
563Kb / 13P
   Ku-Band Power Amplifier
More results

Similar Description - TGA2527-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2533-SM TRIQUINT-TGA2533-SM_15 Datasheet
878Kb / 13P
   Ku-Band Power Amplifier
TGA2527-SM TRIQUINT-TGA2527-SM Datasheet
563Kb / 13P
   Ku-Band Power Amplifier
TGA2533 TRIQUINT-TGA2533 Datasheet
429Kb / 11P
   Ku-Band Power Amplifier
TGA2533 TRIQUINT-TGA2533_15 Datasheet
429Kb / 11P
   Ku-Band Power Amplifier
TGA2524-SM TRIQUINT-TGA2524-SM_15 Datasheet
878Kb / 14P
   Ku-Band Power Amplifier
TGA1045 TRIQUINT-TGA1045 Datasheet
234Kb / 2P
   Ku Band Power Amplifier
logo
Advanced Semiconductor ...
ASX1436 ASB-ASX1436 Datasheet
916Kb / 20P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
   Ku Band Power Amplifier MMIC
FMM5059VF EUDYNA-FMM5059VF Datasheet
202Kb / 16P
   Ku Band Power Amplifier MMIC
EMM5081V1B EUDYNA-EMM5081V1B Datasheet
197Kb / 16P
   Ku-Band Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com