Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4475 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4475
Description  Safety Application Guide for SPC563Mxx family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4475 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4475 Datasheet HTML 4Page - STMicroelectronics AN4475 Datasheet HTML 5Page - STMicroelectronics AN4475 Datasheet HTML 6Page - STMicroelectronics AN4475 Datasheet HTML 7Page - STMicroelectronics AN4475 Datasheet HTML 8Page - STMicroelectronics AN4475 Datasheet HTML 9Page - STMicroelectronics AN4475 Datasheet HTML 10Page - STMicroelectronics AN4475 Datasheet HTML 11Page - STMicroelectronics AN4475 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
DocID026216 Rev 1
9/27
AN4475
Functional safety requirements for application software
26
address locations generate ECC events, either single-bit corrections or double-bit non-
correctable errors that are terminated with an error response.
Suggested: [covers: SW_SRAM_MBIST] in order to increase the diagnostic coverage, one
or more industry-standard MBIST algorithms (such as the "March" algorithm, the
checkerboard algorithm, the varied pattern background algorithm and the array BIST) are
implemented by software to protect the system SRAM against hardware dormant faults. The
implemented MBIST algorithms can run once after the Power-On Reset (POR). [end]
Rationale: to check the integrity of the RAM memory.
2.5
FLASH memory
Suggested: [covers: HW_FLASH_ECC] FLASH memory is protected by a single error
correction/dual error detection (SEC/DED) ECC scheme. The SEC/DED ECC scheme
reporting is configured (interrupt request). The FLASH memory SEC/DED concerns data
and not the addresses. Such configuration is done once after the Power-On Reset (POR)
before the safety function starts. [end]
Suggested: [covers: SW_FLASH_SELF_TEST] in order to increase the diagnostic
coverage, specific software countermeasures are implemented to detect FLASH memory
address logic faults. These specific software countermeasures can run once per FTTI. [end]
Rationale: to check the correct working of FLASH memory address logic.
Implementation hint: e.g. known pattern can be read.
Suggested: [covers: SW_FLASH_ECC_SELF_TEST] in order to increase the diagnostic
coverage, specific software countermeasures are implemented to detect FLASH ECC logic
faults. The aim is to assure that correct data are not accidentally modified and that single bit
errors are rightly corrected. These specific software countermeasures can run once per
FTTI. Hardware support test called Array Integrity Self Check can be used (refer to the
reference manual to have all additional details). [end]
Rationale: to verify the integrity of FLASH ECC logic.
Implementation hint: see Chapter 5: ECC logic test for further details.
Suggested: [covers: SW_FLASH_MBIST] in order to increase the diagnostic coverage, an
MBIST algorithms are implemented to protect the system FLASH memory against hardware
dormant faults. The implemented MBIST algorithms can run once after the Power-On Reset
(POR). [end]
Rationale: to check the integrity of the FLASH memory.
Implementation hint: hardware support test called Array Integrity Self Check can be used
(refer to the SPC563Mxx Reference Manual to have all additional details).
Suggested: [covers: SW_FLASH_READ_BACK] When writing flash memory, the
corresponding software driver must validate the correctness of the programming of flash
memory by checking relevant flash registers. Furthermore, the data that was written must
be read back and then verified by software that compares it with the intended data value.
[end]
Rationale: to verify that written data are coherent with the intended ones.


Similar Part No. - AN4475

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4470 STMICROELECTRONICS-AN4470 Datasheet
1Mb / 20P
   The STPM3x application calibration
AN4471 STMICROELECTRONICS-AN4471 Datasheet
1Mb / 39P
   STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
AN4472 STMICROELECTRONICS-AN4472 Datasheet
6Mb / 44P
   STEVAL-IME008V1 evaluation board based on the STHV749 transmission pulser
logo
Freescale Semiconductor...
AN4473 FREESCALE-AN4473 Datasheet
8Mb / 2P
   Dual 6.0 m high-side switch
AN4473 FREESCALE-AN4473 Datasheet
8Mb / 2P
   Dual 10 m high-side switch
More results

Similar Description - AN4475

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4266 STMICROELECTRONICS-AN4266 Datasheet
725Kb / 76P
   Safety application guide for SPC56xL70xx family
TN0983 STMICROELECTRONICS-TN0983 Datasheet
72Kb / 6P
   Safety application guide for SPC56xL70xx family
AN4287 STMICROELECTRONICS-AN4287 Datasheet
705Kb / 27P
   Safety application guide for SPC564Axx family
TN0973 STMICROELECTRONICS-TN0973 Datasheet
90Kb / 6P
   Safety application guide for SPC56EL54xx/SPC56EL60xx family
AN3077 STMICROELECTRONICS-AN3077 Datasheet
976Kb / 82P
   Safety application guide
SPC564AADPT324S STMICROELECTRONICS-SPC564AADPT324S Datasheet
105Kb / 4P
   SPC563Mxx, SPC564Axx microcontroller family evaluation board
logo
National Semiconductor ...
SCX6206 NSC-SCX6206 Datasheet
812Kb / 24P
   SCX MICROCMOS GATE ARRAY FAMILY APPLICATION GUIDE
logo
STMicroelectronics
SPC563M64AVB176 STMICROELECTRONICS-SPC563M64AVB176 Datasheet
101Kb / 6P
   SPC563Mxx microcontroller family calibration and emulation system
AN994 STMICROELECTRONICS-AN994 Datasheet
565Kb / 25P
   L638xE application guide
L9659 STMICROELECTRONICS-L9659 Datasheet
577Kb / 51P
   Octal squib driver ASIC for safety application
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com