Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL3714S Datasheet(PDF) 3 Page - International Rectifier

Part # IRL3714S
Description  Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3714S Datasheet(HTML) 3 Page - International Rectifier

  IRL3714S Datasheet HTML 1Page - International Rectifier IRL3714S Datasheet HTML 2Page - International Rectifier IRL3714S Datasheet HTML 3Page - International Rectifier IRL3714S Datasheet HTML 4Page - International Rectifier IRL3714S Datasheet HTML 5Page - International Rectifier IRL3714S Datasheet HTML 6Page - International Rectifier IRL3714S Datasheet HTML 7Page - International Rectifier IRL3714S Datasheet HTML 8Page - International Rectifier IRL3714S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRL3714/3714S/3714L
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
10000
2.0V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
10V
4.5V
3.0V
2.7V
2.5V
2.2V
BOTTOM 2.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
2.0V
20µs PULSE WIDTH
Tj = 175°C
VGS
TOP
15V
10V
4.5V
3.0V
2.7V
2.5V
2.2V
BOTTOM 2.0V
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature
( C)
J
°


V
=
I
=
GS
D
10V
36A
2.0
4.0
6.0
8.0
10.0
VGS, Gate-to-Source Voltage (V)
1.00
10.00
100.00
1000.00
TJ = 25°C
TJ = 175°C
VDS = 15V
20µs PULSE WIDTH


Similar Part No. - IRL3714S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714SPBF IRF-IRL3714SPBF Datasheet
237Kb / 12P
   SMPS MOSFET HEXFET짰Power MOSFET
More results

Similar Description - IRL3714S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3714PBF IRF-IRLR3714PBF Datasheet
227Kb / 11P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m廓 , ID = 36A )
IRFPS37N50A IRF-IRFPS37N50A Datasheet
115Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.13ohm, Id=36A)
IRFIZ48N IRF-IRFIZ48N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=36A)
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRFR3711 IRF-IRFR3711 Datasheet
239Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=6.5mohm, Id=110A??
IRF7456 IRF-IRF7456 Datasheet
165Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=0.0065ohm, Id=16A)
IRFPS37N50APBF IRF-IRFPS37N50APBF Datasheet
147Kb / 9P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.13廓 , ID = 36A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com