Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2535-SM Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA2535-SM
Description  X-Band Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2535-SM Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA2535-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA2535-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA2535-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA2535-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2535-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2535-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2535-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2535-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2535-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TGA2535-SM
X-Band Power Amplifier
Data Sheet: Rev A 10/25/11
- 5 of 13 -
Disclaimer: Subject to change without notice
Typical Performance (cont.)
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
36
37
38
39
40
41
42
43
44
45
46
9.5
10
10.511
11.512
12.5
Frequency (GHz)
TOI vs. Frequency vs. Pout/Tone
Vd = 6 V, Id = 1.3 A, Vg = -0.55 V Typical, +25 0C
Pout/Tone = 21dBm
Pout/Tone = 20dBm
Pout/Tone = 19dBm
-90
-85
-80
-75
-70
-65
-60
-55
-50
13
14
15
16
17
18
19
20
21
22
23
Pout/Tone (dBm)
IM5 vs. Pout/Tone vs. Frequency
Vd = 6 V, Id = 1.3 A, Vg = -0.55 V Typical, +25 0C
10.0GHz
11.0GHz
11.7GHz
12.0GHz
14
16
18
20
22
24
26
28
9
9.5
10
10.5
11
11.5
12
12.5
13
Frequency (GHz)
Gain vs. Frequency vs. Id
Vd = 6 - 6.5 V, Id = 0.9 - 1.3 A, +25 0C
6V
1.3A
6V
1.1A
6V
0.9A
6.5V 1.0A
29
30
31
32
33
34
35
36
9.5
10
10.5
11
11.5
12
12.5
Frequency (GHz)
Saturated Power vs. Frequency vs. Id
Vd = 6 - 6.5 V, Id = 0.9 - 1.3 A, +25 0C
6V
1.3A
6V
1.1A
6V
0.9A
6.5V 1.0A
29
30
31
32
33
34
35
36
9.5
10
10.5
11
11.5
12
12.5
Frequency (GHz)
P1dB vs. Frequency vs. Id
Vd = 6 - 6.5 V, Id = 0.9 - 1.3 A, +25 0C
6V
1.3A
6V
1.1A
6V
0.9A
6.5V 1.0A
-70
-65
-60
-55
-50
-45
-40
-35
-30
13
14
15
16
17
18
19
20
21
22
23
Pout/Tone (dBm)
IM3 vs. Pout/Tone vs. Frequency
Vd = 6 V, Id = 1.3 A, Vg = -0.55 V Typical, +25 0C
10.0GHz
11.0GHz
11.7GHz
12.0GHz


Similar Part No. - TGA2535-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2535-SM QORVO-TGA2535-SM Datasheet
717Kb / 13P
   X-Band Power Amplifier
More results

Similar Description - TGA2535-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2535-SM QORVO-TGA2535-SM Datasheet
717Kb / 13P
   X-Band Power Amplifier
logo
United Monolithic Semic...
CHA7114 UMS-CHA7114 Datasheet
281Kb / 8P
   X Band High Power Amplifier
logo
Advanced Semiconductor ...
ASX1037HG ASB-ASX1037HG Datasheet
744Kb / 17P
   X Band Power Amplifier MMIC
January 2017
logo
United Monolithic Semic...
CHA7114 UMS-CHA7114_10 Datasheet
183Kb / 8P
   X Band High Power Amplifier
CHA7215 UMS-CHA7215_15 Datasheet
209Kb / 8P
   X-band High Power Amplifier
CHA7115-99F UMS-CHA7115-99F_15 Datasheet
152Kb / 6P
   X-band High Power Amplifier
logo
Advanced Semiconductor ...
ASX0837HG ASB-ASX0837HG Datasheet
899Kb / 14P
   X Band Power Amplifier MMIC
June 2017
logo
United Monolithic Semic...
CHA7114 UMS-CHA7114_15 Datasheet
194Kb / 8P
   X Band High Power Amplifier
CHA5115-QDG UMS-CHA5115-QDG Datasheet
656Kb / 12P
   X-band Medium Power Amplifier
CHA7115-99F UMS-CHA7115-99F Datasheet
141Kb / 6P
   X-band High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com