Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2565-SM Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA2565-SM
Description  11 17 GHz Medium Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2565-SM Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA2565-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA2565-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA2565-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA2565-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2565-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2565-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2565-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2565-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2565-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TGA2565-SM
11-17 GHz Medium Power Amplifier
Preliminary Data Sheet: Rev A 10/31/13
- 2 of 13 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
Connecting the Digital World to the Global Network®
Specifications
Absolute Maximum Ratings
Parameter
Rating
Drain Voltage,Vd
+6.5 V
Drain Current, Id
450 mA
Gate Voltage, Vg
-3 to 0 V
Gate Current, Ig
-30 to 30 mA
Gain_Control Voltage, Gain_Ctrl
-3.6 to 3.6 V
Attenuator Circuit Voltage, Vpos
-3.6 to 2.3 V
Detector Circuit Power Supply,
Vsupply
1 V
≤ Vsupply
≤ 4.9 V +
2mA * Rext
Power Dissipation, Pdiss
2.93 W
RF Input Power, CW, 50Ω,T =
25ºC
18 dBm
Channel Temperature, Tch
200
oC
Mounting Temperature (30
Seconds)
260
oC
Storage Temperature
-40 to 150
oC
Operation of this device outside the parameter ranges
given above may cause permanent damage. These are
stress ratings only, and functional operation of the device
at these conditions is not implied.
Rext is the value of the external resistor used on the
detector circuit shown as R1, R2 in the application circuit
diagram shown on page 7.
Recommended Operating Conditions
Parameter
Min
Typical
Max
Units
Vd
6
V
Idq (quiescent
current)
210
mA
Id_drive (current
under RF drive)
350
mA
Vg
-0.7
V
Gain_Ctrl
0
V
Vpos
2
V
Vsupply
6
V
Electrical specifications are measured at specified test
conditions.
Specifications are not guaranteed over all recommended
operating conditions.
Electrical Specifications
Test conditions unless otherwise noted: 25ºC, Vd = 6 V, Idq = 210 mA, Gain_Ctrl = 0 V, Vpos = 2 V. Vg = -0.7 V typical.
Parameter
Min
Typical
Max
Units
Operational Frequency Range
11
16.5
GHz
Gain
27
dB
Attenuation Range
14
dB
Input Return Loss
10
dB
Output Return Loss
10
dB
Output Power @ 1dB Gain Compression
(max gain)
27
dBm
Output TOI
34
dBm
Gain Temperature Coefficient (@ max gain)
-0.028
dB/°C
Power Temperature Coefficient (@ max gain)
0.03
dB/°C


Similar Part No. - TGA2565-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2565-SM QORVO-TGA2565-SM Datasheet
676Kb / 13P
   11-17 GHz Medium Power Amplifier
More results

Similar Description - TGA2565-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2565-SM QORVO-TGA2565-SM Datasheet
676Kb / 13P
   11-17 GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA9088A-SCC TRIQUINT-TGA9088A-SCC_15 Datasheet
166Kb / 8P
   17-21 GHz Medium Power Amplifier
TGA9088A-SCC TRIQUINT-TGA9088A-SCC Datasheet
165Kb / 8P
   17-21 GHz Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC498LC4 HITTITE-HMC498LC4_09 Datasheet
231Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
HMC498LC4 HITTITE-HMC498LC4 Datasheet
333Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
HMC283 HITTITE-HMC283_10 Datasheet
336Kb / 8P
   GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC281 HITTITE-HMC281_00 Datasheet
152Kb / 6P
   GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283 HITTITE-HMC283_08 Datasheet
314Kb / 8P
   GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
logo
Analog Devices
HMC498LC4 AD-HMC498LC4 Datasheet
287Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
logo
Hittite Microwave Corpo...
HMC283 HITTITE-HMC283_07 Datasheet
320Kb / 8P
   GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com