Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2576-FL Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGA2576-FL
Description  2.5 to 6 GHz GaN HEMT Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2576-FL Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGA2576-FL_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2576-FL_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2576-FL_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2576-FL_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2576-FL_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2576-FL_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2576-FL_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2576-FL_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA2576-FL_15 Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TGA2576-FL
2.5 to 6 GHz GaN HEMT Power Amplifier
Preliminary Data Sheet: Rev A 08/25/11
- 7 of 11 -
Disclaimer: Subject to change without notice
Pin Description
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Pin
Symbol
Description
3
RF In
Input, matched to 50 ohms.
1
2
3
4
56
7
8
9
10
1
Vg
Gate voltage. See Note 1.
10
Vd Top
Top Drain voltage. See Note 2.
8
RF Out
Output, matched to 50 ohms.
6
Vd Bot
Bottom Drain voltage. See Note 2.
5
Vg
Gate voltage. See Note 1.
2,4,7,9
N/C
No internal connection; may be gro
pen on PCB
unded or left o
(Package
RF
Base)
and DC ground
Notes:
1. Bias network is required; can be biased from either side (pin 1 or pin 5); see Application Circuit on page 6 as an
example.
2. Bias network is required; must be biased from both sides (pins 6 and 10); see Application Circuit on page 6 as an
example.


Similar Part No. - TGA2576-FL_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2576-FS TRIQUINT-TGA2576-FS Datasheet
605Kb / 15P
   2.5 to 6GHz 40W GaN Power Amplifier
TGA2576-FS TRIQUINT-TGA2576-FS_15 Datasheet
605Kb / 15P
   2.5 to 6GHz 40W GaN Power Amplifier
More results

Similar Description - TGA2576-FL_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA2598 QORVO-QPA2598 Datasheet
1Mb / 17P
   6 – 12 GHz 2.5 W GaN Driver Amplifier
March 2021
logo
TriQuint Semiconductor
TGA2578-CP TRIQUINT-TGA2578-CP_15 Datasheet
601Kb / 12P
   2 to 6 GHz, 30W GaN Power Amplifier
logo
WOLFSPEED, INC.
CGHV1J006D WOLFSPEED-CGHV1J006D Datasheet
868Kb / 9P
   6 W, 18.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
logo
Cree, Inc
CG2H40010 CREE-CG2H40010 Datasheet
2Mb / 14P
   10 W, DC - 6 GHz, RF Power GaN HEMT
CGHV1J006D CREE-CGHV1J006D Datasheet
707Kb / 9P
   6 W, 18.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CG2H40035 WOLFSPEED-CG2H40035 Datasheet
2Mb / 21P
   35 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 1.0, 2022-7-7
CGH40010 WOLFSPEED-CGH40010 Datasheet
1Mb / 16P
   10 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 4.4, 2022-10-28
logo
TriQuint Semiconductor
TGA2627-SM TRIQUINT-TGA2627-SM_15 Datasheet
1Mb / 16P
   6 to 12 GHz GaN Driver Amplifier
logo
Qorvo, Inc
TGA2576-2-FL QORVO-TGA2576-2-FL Datasheet
568Kb / 11P
   2.5 ??6.0 GHz 40 W GaN Power Amplifier
September 2019
logo
TriQuint Semiconductor
QPA2237 TRIQUINT-QPA2237 Datasheet
789Kb / 16P
   0.03 ??2.5 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com