Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML5103 Datasheet(PDF) 3 Page - International Rectifier

Part # IRLML5103
Description  Power MOSFET(Vdss=-30V, Rds(on)=0.60ohm)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML5103 Datasheet(HTML) 3 Page - International Rectifier

  IRLML5103 Datasheet HTML 1Page - International Rectifier IRLML5103 Datasheet HTML 2Page - International Rectifier IRLML5103 Datasheet HTML 3Page - International Rectifier IRLML5103 Datasheet HTML 4Page - International Rectifier IRLML5103 Datasheet HTML 5Page - International Rectifier IRLML5103 Datasheet HTML 6Page - International Rectifier IRLML5103 Datasheet HTML 7Page - International Rectifier IRLML5103 Datasheet HTML 8Page - International Rectifier IRLML5103 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRLML5103
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
0.1
1
10
0.1
1
10
DS
A
-V
, Drain-to-Source Voltage (V)
-3.0V
VGS
TOP
- 15V
- 10V
- 7.0V
- 5.5V
- 4.5V
- 4.0V
- 3.5V
BOTTOM - 3.0V
20µs PULSE WIDTH
T = 150°C
J
0.1
1
10
3.0
4.0
5.0
6.0
7.0
8.0
T = 25°C
T = 150°C
J
J
GS
A
-V
, Gate-to-Source Voltage (V)
V
= -10V
20µs PULSE WIDTH
DS
0.0
0.5
1.0
1.5
2.0
-60
-40
-20
0
20
40
60
80
100 120 140 160
J
T , Junction Temperature (°C)
A
V
= -10V
GS
I
= -0.60A
D
0.1
1
10
0.1
1
10
DS
20µs PULSE WIDTH
T = 25°C
A
-V
, Drain-to-Source Voltage (V)
J
-3.0V
VGS
TOP
- 15V
- 10V
- 7.0V
- 5.5V
- 4.5V
- 4.0V
- 3.5V
BOTTOM - 3.0V


Similar Part No. - IRLML5103

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML5103 IRF-IRLML5103 Datasheet
81Kb / 8P
   HEXFET Power MOSFET
logo
GUANGDONG HOTTECH INDUS...
IRLML5103 HOTTECH-IRLML5103 Datasheet
550Kb / 4P
   Power MOSFET
logo
Guangdong Youtai Semico...
IRLML5103 UMW-IRLML5103 Datasheet
428Kb / 6P
   Generation VTechnology
logo
International Rectifier
IRLML5103GPBF IRF-IRLML5103GPBF Datasheet
242Kb / 8P
   HEXFET POWER MOSFET
IRLML5103GTRPBF IRF-IRLML5103GTRPBF Datasheet
223Kb / 8P
   Generation V Technology
More results

Similar Description - IRLML5103

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFR9120 IRF-IRFR9120 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-5.6A)
IRFD9120 IRF-IRFD9120 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-1.0A)
448IRF IRF-448IRF Datasheet
168Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
   Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7603 IRF-IRF7603 Datasheet
113Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com