Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML5103 Datasheet(PDF) 7 Page - International Rectifier

Part # IRLML5103
Description  Power MOSFET(Vdss=-30V, Rds(on)=0.60ohm)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML5103 Datasheet(HTML) 7 Page - International Rectifier

  IRLML5103 Datasheet HTML 1Page - International Rectifier IRLML5103 Datasheet HTML 2Page - International Rectifier IRLML5103 Datasheet HTML 3Page - International Rectifier IRLML5103 Datasheet HTML 4Page - International Rectifier IRLML5103 Datasheet HTML 5Page - International Rectifier IRLML5103 Datasheet HTML 6Page - International Rectifier IRLML5103 Datasheet HTML 7Page - International Rectifier IRLML5103 Datasheet HTML 8Page - International Rectifier IRLML5103 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IRLML5103
SOT-23 Outline
Dimensions are shown in millimeters (inches)
Package Outline
LEAD ASSIGNMENTS
1 - GATE
2 - SOURCE
3 - DRAIN
L
3X
3X
C
θ
A1
- C -
B
3X
A
e
e1
0.008 (.003)
3
1
2
E
- A -
- B -
D
H
0.20 ( .008 )
M
A M
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
.032
.044
0.82
1.11
A1
.001
.004
0.02
0.10
B
.015
.021
0.38
0.54
C
.004
.006
0.10
0.15
D
.105
.120
2.67
3.05
e
.0750 BASIC
1.90 BASIC
e1
.0375 BASIC
0.95 BASIC
E
.047
.055
1.20
1.40
H
.083
.098
2.10
2.50
L
.005
.010
0.13
0.25
θ
0.10 (.004)
M
C A S B S
MINIMUM RECOMMENDED FOOTPRINT
0.80 ( .031 )
3X
2.00
( .079 )
0.95 ( .037 )
2X
0.90
( .035 )
3X
3
3
3
NOTES:
1. DIMENSIONING & TOLERANCING PER ANSI Y14.5M-1982.
2. CONTROLLING DIMENSION : INCH.
DIMENSIONS DO NOT INCLUDE MOLD FLASH.


Similar Part No. - IRLML5103

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML5103 IRF-IRLML5103 Datasheet
81Kb / 8P
   HEXFET Power MOSFET
logo
GUANGDONG HOTTECH INDUS...
IRLML5103 HOTTECH-IRLML5103 Datasheet
550Kb / 4P
   Power MOSFET
logo
Guangdong Youtai Semico...
IRLML5103 UMW-IRLML5103 Datasheet
428Kb / 6P
   Generation VTechnology
logo
International Rectifier
IRLML5103GPBF IRF-IRLML5103GPBF Datasheet
242Kb / 8P
   HEXFET POWER MOSFET
IRLML5103GTRPBF IRF-IRLML5103GTRPBF Datasheet
223Kb / 8P
   Generation V Technology
More results

Similar Description - IRLML5103

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFR9120 IRF-IRFR9120 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-5.6A)
IRFD9120 IRF-IRFD9120 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-1.0A)
448IRF IRF-448IRF Datasheet
168Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
   Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7603 IRF-IRF7603 Datasheet
113Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com