Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2579-2-FL Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA2579-2-FL
Description  20W Ku-Band GaN Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2579-2-FL Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA2579-2-FL_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2579-2-FL_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2579-2-FL_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2579-2-FL_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2579-2-FL_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2579-2-FL_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2579-2-FL_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2579-2-FL_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2579-2-FL_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TGA2579-2-FL
20W Ku-Band GaN Power Amplifier
Preliminary Datasheet: Rev - 08-16-13
- 2 of 12 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Absolute Maximum Ratings
Parameter
Value
Drain Voltage (VD)
40 V
Drain to Gate Voltage
(VD-VG)
100 V
Gate Voltage Range (VG)
-5 to 0 V
Drain Current (ID)
4.3 A
Gate Current (IG)
-16 to 84 mA
Power Dissipation (PDISS)
131 W
RF Input Power, CW, 50 Ω,
T = 25 °C (PIN)
29 dBm
Channel Temperature (TCH)
275 °C
Mounting Temperature
(30 Seconds)
260 °C
Storage Temperature
-40 to 150 °C
Operation of this device outside the parameter ranges
given above may cause permanent damage. These are
stress ratings only, and functional operation of the device at
these conditions is not implied.
Recommended Operating Conditions
Parameter
Value
Drain Voltage (VD)
25 V
Drain Current (IDQ)
1000 mA
Drain Current Under RF Drive ( ID_Drive)
2900 mA
Gate Voltage (VG)
-2.4 V (Typ.)
Electrical
specifications
are
measured
at
specified
test
conditions.
Specifications
are
not
guaranteed
over
all
recommended operating conditions.
Electrical Specifications
Test conditions unless otherwise noted: 25 °C, VD = 25 V, IDQ = 1000 mA , VG = -2.4V Typical, CW.
Parameter
Min
Typical
Max
Units
Operational Frequency Range
14.0
15.35
GHz
Small Signal Gain @ Mid Band
35
dB
Input Return Loss
8
dB
Output Return Loss
7
dB
Gain @ Pin = 0dBm
34
dB
Output Power at Saturation (Pin = 24dBm)
43
dBm
Power-Added Efficiency (Pin = 24dBm)
27
%
Output TOI
44
dBm
Gain Temperature Coefficient
-0.05
dB/°C
Power Temperature Coefficient
-0.004
dBm/°C


Similar Part No. - TGA2579-2-FL_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2579-FL TRIQUINT-TGA2579-FL Datasheet
480Kb / 12P
   25 Watt Ku-Band GaN Power Amplifier
TGA2579-FL TRIQUINT-TGA2579-FL_15 Datasheet
480Kb / 12P
   25 Watt Ku-Band GaN Power Amplifier
More results

Similar Description - TGA2579-2-FL_15

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
   Ku Band GaN Power Amplifier MMIC
Sept 2015
AGN1440 ASB-AGN1440 Datasheet
577Kb / 11P
   Ku Band GaN Amplifier MMIC
June 2015
logo
TriQuint Semiconductor
QPB1500 TRIQUINT-QPB1500 Datasheet
1Mb / 14P
   Ku-Band 25 W GaN Power Amplifier
TGA2579-FL TRIQUINT-TGA2579-FL_15 Datasheet
480Kb / 12P
   25 Watt Ku-Band GaN Power Amplifier
TGA2533-SM TRIQUINT-TGA2533-SM_15 Datasheet
878Kb / 13P
   Ku-Band Power Amplifier
TGA2527-SM TRIQUINT-TGA2527-SM Datasheet
563Kb / 13P
   Ku-Band Power Amplifier
TGA2533 TRIQUINT-TGA2533 Datasheet
429Kb / 11P
   Ku-Band Power Amplifier
TGA2527-SM TRIQUINT-TGA2527-SM_15 Datasheet
763Kb / 13P
   Ku-Band Power Amplifier
TGA2533 TRIQUINT-TGA2533_15 Datasheet
429Kb / 11P
   Ku-Band Power Amplifier
TGA2524-SM TRIQUINT-TGA2524-SM_15 Datasheet
878Kb / 14P
   Ku-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com