Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2583 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA2583
Description  2.7 3.7GHz 10W GaN Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2583 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA2583_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2583_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2583_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2583_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2583_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2583_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2583_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2583_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2583_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TGA2583
2.7
– 3.7GHz 10W GaN Power Amplifier
Preliminary Datasheet: Rev B 02-20-15
- 3 of 15 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance (
θJC) (1)
Tbase = 85°C, VD = 25V, IDQ = 175mA
Pulsed VD: PP = 1ms, DC = 10%
3.51
ºC/W
Channel Temperature (TCH) (Under RF drive) Tbase = 85°C, VD = 25V, ID_Drive = 915mA,
PIN = 16dBm, POUT = 40.5dBm, PDISS = 11.7W
126
°C
Median Lifetime (TM)
2.9 x 10^11
Hrs
Thermal Resistance (
θJC) (1)
Tbase = 85°C, VD = 32V, IDQ = 175mA
Pulsed VD: PP = 1ms, DC = 10%
4.68
ºC/W
Channel Temperature (TCH) (Under RF drive) Tbase = 85°C, VD = 32V, ID_Drive = 1035mA,
PIN = 16dBm, POUT = 41.8dBm, PDISS = 17.9W
169
°C
Median Lifetime (TM)
2.36 10^9
Hrs
Thermal Resistance (
θJC) (1)
Tbase = 85°C, VD = 25V, IDQ = 175mA, CW
5.15
ºC/W
Channel Temperature (TCH) (Under RF drive) Tbase = 85°C, VD = 25V, ID_Drive = 850mA,
PIN = 16dBm, POUT = 40.3dBm, PDISS = 10.6W
140
°C
Median Lifetime (TM)
5.43 x 10^9
Hrs
Thermal Resistance (
θJC) (1)
Tbase = 85°C, VD = 32V, IDQ = 175mA, CW
7.1
ºC/W
Channel Temperature (TCH) (Under RF drive) Tbase = 85°C, VD = 32V, ID_Drive = 970mA,
PIN = 16dBm, POUT = 41.6dBm, PDISS = 16.5W
202
°C
Median Lifetime (TM)
1.06 x 10^7
Hrs
Notes:
1. Thermal resistance measured to back of carrier plate. MMIC mounted on 40 mils CuMo (80/20) carrier using 1.5 mil AuSn.
Median Lifetime
Test Conditions: VD = 40 V; Failure Criteria = 10% reduction in ID_MAX
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
1E+11
1E+12
1E+13
1E+14
1E+15
1E+16
1E+17
1E+18
25
50
75
100
125
150
175
200
225
250
275
Channel Temperature, TCH (C)
Median Lifetime vs. Channel Temperature
FET13


Similar Part No. - TGA2583_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2583-SM TRIQUINT-TGA2583-SM Datasheet
772Kb / 13P
   2.7 to 3.7GHz, 10W GaN Power Amplifier
logo
Qorvo, Inc
TGA2583-SM QORVO-TGA2583-SM Datasheet
798Kb / 13P
   2.7 to 3.7 GHz, 10 W GaN Power Amplifier
April 2020
TGA2583-SMEVB QORVO-TGA2583-SMEVB Datasheet
798Kb / 13P
   2.7 to 3.7 GHz, 10 W GaN Power Amplifier
April 2020
logo
TriQuint Semiconductor
TGA2583-SM TRIQUINT-TGA2583-SM_15 Datasheet
772Kb / 13P
   2.7 to 3.7GHz, 10W GaN Power Amplifier
More results

Similar Description - TGA2583_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2583-SM TRIQUINT-TGA2583-SM_15 Datasheet
772Kb / 13P
   2.7 to 3.7GHz, 10W GaN Power Amplifier
TGA2585-SM TRIQUINT-TGA2585-SM Datasheet
1Mb / 13P
   2.7 to 3.7GHz, 18W GaN Power Amplifier
TGA2585 TRIQUINT-TGA2585_15 Datasheet
611Kb / 15P
   2.7 to 3.7GHz 18W GaN Power Amplifier
TGA2216-SM TRIQUINT-TGA2216-SM_15 Datasheet
831Kb / 18P
   0.1 3.0GHz 10W GaN Power Amplifier
TGA2237-SM TRIQUINT-TGA2237-SM_15 Datasheet
820Kb / 18P
   0.03 2.5GHz 10W GaN Power Amplifier
logo
RF Micro Devices
RFHA3832 RFMD-RFHA3832 Datasheet
1Mb / 11P
   10W GaN Wide-Band Power Amplifier
logo
TriQuint Semiconductor
TGA2237 TRIQUINT-TGA2237_15 Datasheet
662Kb / 16P
   0.03 2.5GHz 10W GaN Power Amplifier
QPA1013D TRIQUINT-QPA1013D Datasheet
609Kb / 15P
   6 ??18GHz 10W GaN Power Amplifier
logo
Qorvo, Inc
TGA2237 QORVO-TGA2237 Datasheet
662Kb / 16P
   0.03 ??2.5GHz 10W GaN Power Amplifier
logo
RF Micro Devices
RF3930D RFMD-RF3930D Datasheet
836Kb / 8P
   10W GaN on SiC Power Amplifier Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com