Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2583 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA2583
Description  2.7 3.7GHz 10W GaN Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2583 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA2583 Datasheet HTML 5Page - TriQuint Semiconductor TGA2583 Datasheet HTML 6Page - TriQuint Semiconductor TGA2583 Datasheet HTML 7Page - TriQuint Semiconductor TGA2583 Datasheet HTML 8Page - TriQuint Semiconductor TGA2583 Datasheet HTML 9Page - TriQuint Semiconductor TGA2583 Datasheet HTML 10Page - TriQuint Semiconductor TGA2583 Datasheet HTML 11Page - TriQuint Semiconductor TGA2583 Datasheet HTML 12Page - TriQuint Semiconductor TGA2583 Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TGA2583
2.7
– 3.7GHz 10W GaN Power Amplifier
Preliminary Datasheet: Rev B 02-20-15
- 9 of 15 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance (Linearity)
-60
-50
-40
-30
-20
-10
0
15
20
25
30
35
40
Output Power Per Tone (dBm)
IM3 vs. Output Power vs. Frequency
VD = 25V, IDQ = 175mA, 10MHz Tone Spacing
2.7GHz
3.1GHz
3.5GHz
Temp. = +25°C
-90
-75
-60
-45
-30
-15
0
15
20
25
30
35
40
Output Power Per Tone (dBm)
IM5 vs. Output Power vs. Frequency
VD = 25V, IDQ = 175mA, 10MHz Tone Spacing
2.7GHz
3.1GHz
3.5GHz
Temp. = +25°C
-60
-50
-40
-30
-20
-10
0
15
20
25
30
35
40
Output Power Per Tone (dBm)
IM3 vs. Output Power vs. Temperature
VD = 25V, IDQ = 175mA, 3.1GHz, 10MHz Tone Spacing
- 40 °C
+25 °C
+85 °C
-90
-75
-60
-45
-30
-15
0
15
20
25
30
35
40
Output Power Per Tone (dBm)
IM5 vs. Output Power vs. Temperature
VD = 25V, IDQ = 175mA, 3.1GHz, 10MHz Tone Spacing
- 40 °C
+25 °C
+85 °C
-60
-50
-40
-30
-20
-10
0
15
20
25
30
35
40
Output Power Per Tone (dBm)
IM3 vs. Output Power vs. I
DQ
VD = 25V, 3.1GHz, 10MHz Tone Spacing
175mA
350mA
Temp. = +25°C
-90
-75
-60
-45
-30
-15
0
15
20
25
30
35
40
Output Power Per Tone (dBm)
IM5 vs. Output Power vs. I
DQ
VD = 25V, 3.1GHz, 10MHz Tone Spacing
175mA
350mA
Temp. = +25°C


Similar Part No. - TGA2583

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2583-SM TRIQUINT-TGA2583-SM Datasheet
772Kb / 13P
   2.7 to 3.7GHz, 10W GaN Power Amplifier
logo
Qorvo, Inc
TGA2583-SM QORVO-TGA2583-SM Datasheet
798Kb / 13P
   2.7 to 3.7 GHz, 10 W GaN Power Amplifier
April 2020
TGA2583-SMEVB QORVO-TGA2583-SMEVB Datasheet
798Kb / 13P
   2.7 to 3.7 GHz, 10 W GaN Power Amplifier
April 2020
logo
TriQuint Semiconductor
TGA2583-SM TRIQUINT-TGA2583-SM_15 Datasheet
772Kb / 13P
   2.7 to 3.7GHz, 10W GaN Power Amplifier
More results

Similar Description - TGA2583

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2583-SM TRIQUINT-TGA2583-SM_15 Datasheet
772Kb / 13P
   2.7 to 3.7GHz, 10W GaN Power Amplifier
TGA2585-SM TRIQUINT-TGA2585-SM Datasheet
1Mb / 13P
   2.7 to 3.7GHz, 18W GaN Power Amplifier
TGA2585 TRIQUINT-TGA2585_15 Datasheet
611Kb / 15P
   2.7 to 3.7GHz 18W GaN Power Amplifier
TGA2216-SM TRIQUINT-TGA2216-SM_15 Datasheet
831Kb / 18P
   0.1 3.0GHz 10W GaN Power Amplifier
TGA2237-SM TRIQUINT-TGA2237-SM_15 Datasheet
820Kb / 18P
   0.03 2.5GHz 10W GaN Power Amplifier
logo
RF Micro Devices
RFHA3832 RFMD-RFHA3832 Datasheet
1Mb / 11P
   10W GaN Wide-Band Power Amplifier
logo
TriQuint Semiconductor
TGA2237 TRIQUINT-TGA2237_15 Datasheet
662Kb / 16P
   0.03 2.5GHz 10W GaN Power Amplifier
QPA1013D TRIQUINT-QPA1013D Datasheet
609Kb / 15P
   6 ??18GHz 10W GaN Power Amplifier
logo
Qorvo, Inc
TGA2237 QORVO-TGA2237 Datasheet
662Kb / 16P
   0.03 ??2.5GHz 10W GaN Power Amplifier
logo
RF Micro Devices
RF3930D RFMD-RF3930D Datasheet
836Kb / 8P
   10W GaN on SiC Power Amplifier Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com