Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2594-HM Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGA2594-HM
Description  27 to 31 GHz GaN Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2594-HM Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGA2594-HM Datasheet HTML 1Page - TriQuint Semiconductor TGA2594-HM Datasheet HTML 2Page - TriQuint Semiconductor TGA2594-HM Datasheet HTML 3Page - TriQuint Semiconductor TGA2594-HM Datasheet HTML 4Page - TriQuint Semiconductor TGA2594-HM Datasheet HTML 5Page - TriQuint Semiconductor TGA2594-HM Datasheet HTML 6Page - TriQuint Semiconductor TGA2594-HM Datasheet HTML 7Page - TriQuint Semiconductor TGA2594-HM Datasheet HTML 8Page - TriQuint Semiconductor TGA2594-HM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TGA2594-HM
27 to 31 GHz GaN Power Amplifier
Preliminary Datasheet: 12-30-14
- 4 of 13 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance: Small Signal
Conditions unless otherwise specified: VD = 20 V, IDQ = 140 mA, VG = -3 V Typical, CW.
14
17
20
23
26
29
32
26
27
28
29
30
31
32
Frequency (GHz)
Gain vs. Frequency vs. Temperature
85 °C
25 °C
-40 °C
14
17
20
23
26
29
32
26
27
28
29
30
31
32
Frequency (GHz)
Gain vs. Frequency vs. Drain Current
280 mA
140 mA
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
26
27
28
29
30
31
32
Frequency (GHz)
Input Return Loss vs. Frequency vs. Temp.
85 °C
25 °C
-40 °C
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
26
27
28
29
30
31
32
Frequency (GHz)
Input Return Loss vs. Freq. vs. Drain Current
280 mA
140 mA
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
26
27
28
29
30
31
32
Frequency (GHz)
Output Return Loss vs. Frequency vs. Temp.
85 °C
25 °C
-40 °C
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
26
27
28
29
30
31
32
Frequency (GHz)
Output Return Loss vs. Freq. vs. I
D
280 mA
140 mA


Similar Part No. - TGA2594-HM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2594-HM QORVO-TGA2594-HM Datasheet
786Kb / 15P
   27 ??31 GHz GaN Power Amplifier
TGA2594-HMEVBP01 QORVO-TGA2594-HMEVBP01 Datasheet
786Kb / 15P
   27 ??31 GHz GaN Power Amplifier
More results

Similar Description - TGA2594-HM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2594-HM QORVO-TGA2594-HM Datasheet
786Kb / 15P
   27 ??31 GHz GaN Power Amplifier
QPA2210D QORVO-QPA2210D Datasheet
615Kb / 22P
   27 ??31 GHz 7 Watt GaN Power Amplifier
QPB2731 QORVO-QPB2731 Datasheet
608Kb / 8P
   27 ??31 GHz Ka-Band GaN Amplifier
QPB2731N QORVO-QPB2731N Datasheet
503Kb / 8P
   27 ??31 GHz Ka-Band GaN Amplifier
logo
TriQuint Semiconductor
TGA4509 TRIQUINT-TGA4509_15 Datasheet
284Kb / 8P
   27 to 31 GHz 1W Power Amplifier
TGA4513 TRIQUINT-TGA4513_15 Datasheet
274Kb / 10P
   27 to 31 GHz 2W Balanced Power Amplifier
TGA4509-EPU TRIQUINT-TGA4509-EPU Datasheet
153Kb / 8P
   27 - 31 GHz 1W Power Amplifier
TGA4513-CP TRIQUINT-TGA4513-CP Datasheet
162Kb / 10P
   27 - 31 GHz 2W Balanced Power Amplifier
TGA4513 TRIQUINT-TGA4513 Datasheet
222Kb / 10P
   27 - 31 GHz 2W Balanced Power Amplifier
TGA2595-CP TRIQUINT-TGA2595-CP_15 Datasheet
497Kb / 13P
   27.5 to 31 GHz, 8 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com