Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2595-CP Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA2595-CP
Description  27.5 to 31 GHz, 8 W GaN Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2595-CP Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA2595-CP_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2595-CP_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2595-CP_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2595-CP_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2595-CP_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2595-CP_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2595-CP_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2595-CP_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2595-CP_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TGA2595-CP
27.5 to 31 GHz, 8 W GaN Power Amplifier
Preliminary Datasheet: 01-22-15
- 3 of 13 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance (
θJC) (1)
CW, VD = 20 V, IDQ = 560 mA,
TBASE = 85°C PDISS =11.2 W
3.3
°C/W
Channel Temperature (TCH) (Quiescent)
125
°C
Median Lifetime (TM)
4.0E+13
Hrs
Thermal Resistance (
θJC) (1)
VD = 20 V, IDQ = 280 mA, TBASE = 85°C,
Freq = 29 GHz, PIN = 18 dBm, POUT = 37.9 dBm,
PDISS =21.2 W, ID_Drive = 1.37 A
3.61
°C/W
Channel Temperature (TCH) (under RF drive)
170
°C
Median Lifetime (TM)
5.9E+10
Hrs
Thermal Resistance (
θJC) (1)
VD = 20 V, IDQ = 560 mA, TBASE = 85°C,
Freq = 29 GHz, PIN = 18 dBm, POUT = 39.4 dBm,
PDISS =27.6 W, ID_Drive = 1.81 A
3.76
°C/W
Channel Temperature (TCH) (under RF drive)
197
°C
Median Lifetime (TM)
2.2E+9
Hrs
Notes:
1.
Thermal resistance measured to back of package.
Test Conditions: VD = 22 V; Failure Criteria = 10% reduction in ID_MAX
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Frequency (GHz)
Dissipated Power vs. Freq. vs. I
DQ
P
in = 18 dBm,
T = 85 °C
560 mA
280 mA
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
1E+11
1E+12
1E+13
1E+14
1E+15
1E+16
1E+17
1E+18
75
100
125
150
175
200
225
250
275
Channel Temperature, T
CH (C)
Median Lifetime vs. Channel Temperature
FET16
20
21
22
23
24
25
26
27
28
29
30
27
28
29
30
31
32
Frequency (GHz)
Dissipated Power vs. Freq. vs. Temp.
P
in = 18 dBm
25 °C
85 °C
-40 °C


Similar Part No. - TGA2595-CP_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2595-CP QORVO-TGA2595-CP Datasheet
556Kb / 14P
   27.5 ??31 GHz 8 W GaN Power Amplifier
More results

Similar Description - TGA2595-CP_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2595-CP QORVO-TGA2595-CP Datasheet
556Kb / 14P
   27.5 ??31 GHz 8 W GaN Power Amplifier
QPA2211 QORVO-QPA2211 Datasheet
692Kb / 22P
   27.5 ??31 GHz 10 W GaN Power Amplifier
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
   27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
QPA2211D QORVO-QPA2211D Datasheet
616Kb / 22P
   27.5 ??31 GHz 14 Watt GaN Power Amplifier
logo
Microchip Technology
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
   27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
logo
TriQuint Semiconductor
TGA2594-HM TRIQUINT-TGA2594-HM_15 Datasheet
967Kb / 13P
   27 to 31 GHz GaN Power Amplifier
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
   27.5 ??31 GHz 9W GaN PA MMIC
2021
logo
Qorvo, Inc
TGA2594-HM QORVO-TGA2594-HM Datasheet
786Kb / 15P
   27 ??31 GHz GaN Power Amplifier
TGA2238 QORVO-TGA2238 Datasheet
756Kb / 12P
   8 ??11 GHz 60 W GaN Power Amplifier
logo
TriQuint Semiconductor
QPA1003P TRIQUINT-QPA1003P Datasheet
644Kb / 20P
   1 ??8 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com