Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2595-CP Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA2595-CP
Description  27.5 to 31 GHz, 8 W GaN Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2595-CP Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA2595-CP Datasheet HTML 5Page - TriQuint Semiconductor TGA2595-CP Datasheet HTML 6Page - TriQuint Semiconductor TGA2595-CP Datasheet HTML 7Page - TriQuint Semiconductor TGA2595-CP Datasheet HTML 8Page - TriQuint Semiconductor TGA2595-CP Datasheet HTML 9Page - TriQuint Semiconductor TGA2595-CP Datasheet HTML 10Page - TriQuint Semiconductor TGA2595-CP Datasheet HTML 11Page - TriQuint Semiconductor TGA2595-CP Datasheet HTML 12Page - TriQuint Semiconductor TGA2595-CP Datasheet HTML 13Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TGA2595-CP
27.5 to 31 GHz, 8 W GaN Power Amplifier
Preliminary Datasheet: 01-22-15
- 9 of 13 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance: Small Signal
Conditions unless otherwise specified: VD = 20 V, IDQ = 560 mA, VG = -2.5 V typical, CW.
20
22
24
26
28
30
32
34
36
38
40
27
28
29
30
31
Frequency (GHz)
Gain vs. Frequency vs. Temperature
-40 °C
25 °C
85 °C
18
20
22
24
26
28
30
32
27
28
29
30
31
Frequency (GHz)
Gain vs. Frequency vs. Drain Current
420 mA
560 mA
280 mA
-30
-25
-20
-15
-10
-5
0
27
28
29
30
31
Frequency (GHz)
IRL vs. Frequency vs. Drain Current
420 mA
560 mA
280 mA
-30
-25
-20
-15
-10
-5
0
27
28
29
30
31
Frequency (GHz)
ORL vs. Frequency vs. Temperature
-40 °C
25 °C
85 °C
-30
-25
-20
-15
-10
-5
0
27
28
29
30
31
Frequency (GHz)
ORL vs. Frequency vs. Drain Current
420 mA
560 mA
280 mA
-30
-25
-20
-15
-10
-5
0
27
28
29
30
31
Frequency (GHz)
IRL vs. Frequency vs. Temperature
-40 °C
25 °C
85 °C


Similar Part No. - TGA2595-CP

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2595-CP QORVO-TGA2595-CP Datasheet
556Kb / 14P
   27.5 ??31 GHz 8 W GaN Power Amplifier
More results

Similar Description - TGA2595-CP

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2595-CP QORVO-TGA2595-CP Datasheet
556Kb / 14P
   27.5 ??31 GHz 8 W GaN Power Amplifier
QPA2211 QORVO-QPA2211 Datasheet
692Kb / 22P
   27.5 ??31 GHz 10 W GaN Power Amplifier
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
   27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
QPA2211D QORVO-QPA2211D Datasheet
616Kb / 22P
   27.5 ??31 GHz 14 Watt GaN Power Amplifier
logo
Microchip Technology
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
   27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
logo
TriQuint Semiconductor
TGA2594-HM TRIQUINT-TGA2594-HM_15 Datasheet
967Kb / 13P
   27 to 31 GHz GaN Power Amplifier
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
   27.5 ??31 GHz 9W GaN PA MMIC
2021
logo
Qorvo, Inc
TGA2594-HM QORVO-TGA2594-HM Datasheet
786Kb / 15P
   27 ??31 GHz GaN Power Amplifier
TGA2238 QORVO-TGA2238 Datasheet
756Kb / 12P
   8 ??11 GHz 60 W GaN Power Amplifier
logo
TriQuint Semiconductor
QPA1003P TRIQUINT-QPA1003P Datasheet
644Kb / 20P
   1 ??8 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com