Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2599-SM Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGA2599-SM
Description  5.0 to 8.0 GHz GaN Driver Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2599-SM Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TGA2599-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2599-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2599-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2599-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2599-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2599-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2599-SM_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA2599-SM_15 Datasheet HTML 11Page - TriQuint Semiconductor TGA2599-SM_15 Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TGA2599-SM
5.0-8.0 GHz GaN Driver Amplifier
Preliminary Datasheet: Rev–A 02-20-15
- 8 of 17 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance
20
23
26
29
32
35
3
5
7
9
11
13
15
17
19
21
23
Input Power (dBm)
Output Power vs. Pin vs. Temp.
-40 °C
25 °C
85 °C
V
D = 25 V, Freq. = 8.0 GHz
0
5
10
15
20
25
30
35
40
45
50
3
5
7
9
11
13
15
17
19
21
23
Input Power (dBm)
Power Added Eff. vs. Pin vs. Temp.
-40 °C
25 °C
85 °C
V
D = 25 V, Freq. = 8.0 GHz
20
22
24
26
28
30
32
34
36
38
5
6
7
8
9
10
11
12
Frequency (GHz)
Output Power vs. Frequency vs. V
D
20 V
25 V
30 V
35 V
Pin = 18 dBm, IDQ = 50 mA, Temp. = 25 °C
20
22
24
26
28
30
32
34
36
38
5
6
7
8
9
10
11
12
Frequency (GHz)
Output Power vs. Frequency vs. I
D
50 mA
100 mA
150 mA
Pin = 18 dBm, VD = 25 V, Temp. = 25 °C
0
5
10
15
20
25
30
35
40
45
50
5
6
7
8
9
10
11
12
Frequency (GHz)
Power Added Eff. vs. Frequency vs. V
D
20 V
25 V
30 V
35 V
Pin = 18 dBm, IDQ = 50 mA, Temp. = 25 °C
0
5
10
15
20
25
30
35
40
45
50
5
6
7
8
9
10
11
12
Frequency (GHz)
Power Added Eff. vs. Frequency vs. I
D
50 mA
100 mA
150 mA
Pin = 18 dBm, VD = 25 V, Temp. = 25 °C


Similar Part No. - TGA2599-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2590 TRIQUINT-TGA2590 Datasheet
613Kb / 12P
   6-12 GHz 30W GaN Power Amplifier
logo
Qorvo, Inc
TGA2590 QORVO-TGA2590 Datasheet
797Kb / 12P
   6-12 GHz 30W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2590-CP TRIQUINT-TGA2590-CP Datasheet
579Kb / 11P
   6 to 12GHz, 30W GaN Power Amplifier
logo
Qorvo, Inc
TGA2590-CP QORVO-TGA2590-CP Datasheet
457Kb / 11P
   6 ??12 GHz 30 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2594 TRIQUINT-TGA2594 Datasheet
538Kb / 12P
   27-31GHz 5W GaN Power Amplifier
More results

Similar Description - TGA2599-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2627-SM TRIQUINT-TGA2627-SM_15 Datasheet
1Mb / 16P
   6 to 12 GHz GaN Driver Amplifier
TGA2598-SM TRIQUINT-TGA2598-SM_15 Datasheet
757Kb / 14P
   6 to 12 GHz 2W GaN Driver Amplifier
TGA2958 TRIQUINT-TGA2958_15 Datasheet
561Kb / 13P
   13 to 18 GHz 2W GaN Driver Amplifier
logo
Cree, Inc
CMPA801B025D CREE-CMPA801B025D Datasheet
439Kb / 7P
   25 W, 8.0 - 11.0 GHz, GaN MMIC, Power Amplifier
logo
Qorvo, Inc
TGA2307 QORVO-TGA2307 Datasheet
567Kb / 16P
   5.0 ??6.0 GHz 50 W GaN Power Amplifier
logo
WOLFSPEED, INC.
CMPA801B030F1 WOLFSPEED-CMPA801B030F1 Datasheet
1Mb / 16P
   35 W, 8.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 0.0 February 2021
logo
TriQuint Semiconductor
TGA2597-SM TRIQUINT-TGA2597-SM_15 Datasheet
1Mb / 16P
   2 6 GHz GaN Driver Amplifier
TGA2597 TRIQUINT-TGA2597_15 Datasheet
901Kb / 14P
   2 6 GHz GaN Driver Amplifier
logo
Qorvo, Inc
QPB0220J QORVO-QPB0220J Datasheet
525Kb / 17P
   2 – 18 GHz GaN Driver Amplifier
April 2022
logo
Teledyne Technologies I...
ACP18015 TELEDYNE-ACP18015 Datasheet
147Kb / 2P
   8.0 TO 18.0 GHz COUGARPAK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com