Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2599-SM Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA2599-SM
Description  5.0 to 8.0 GHz GaN Driver Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2599-SM Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA2599-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2599-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2599-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2599-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2599-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2599-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2599-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2599-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2599-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TGA2599-SM
5.0-8.0 GHz GaN Driver Amplifier
Preliminary Datasheet: Rev–A 02-20-15
- 1 of 17 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Applications
C-Band Radar
Communications
Product Features
Functional Block Diagram
Frequency Range: 5.0-8.0 GHz
Small Signal Gain: > 23 dB
Power: > 33 dBm
PAE: > 34%
IM3: -25 dBc
Bias: VD = 25 V, IDQ = 50 mA
Package Dimensions: 4.0 x 4.0 x 0.85 mm
General Description
Pad Configuration
TriQuint's TGA2599-SM is a packaged driver
amplifier fabricated on TriQuint's TQGaN25 0.25um
GaN on SiC production process. The TGA2599-SM
operates from 5.0 to 8.0GHz and provides 33 dBm
of output power with 15 dB of large signal gain and
34 % power-added efficiency.
Using
GaN
MMIC
technology
and
plastic
packaging, the TGA2599-SM provides a low cost
driver solution that provides the added benefit of
operating on the same voltage rail as the
corresponding GaN HPA. It can also serve as the
primary amplifier on lower power architectures.
The TGA2599 is offered in a small 4 x 4 mm plastic
overmold QFN, fully matched to 50 ohms and
includes integrated DC blocking caps on both RF
ports allowing for simple system integration.
Lead-Free & RoHS compliant.
Evaluation Boards are available on request.
Pad Number
Symbol
3
RF Input
6
VG1
8
VG2
13
RF Output
17
VD2
19
VD1
1-2,4-5,7,9-12,14-16,18, 20, 21
GND
Ordering Information
Part
ECCN
Description
TGA2599-SM
EAR99
5.0-8.0 GHz GaN
Driver Amplifier


Similar Part No. - TGA2599-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2590 TRIQUINT-TGA2590 Datasheet
613Kb / 12P
   6-12 GHz 30W GaN Power Amplifier
logo
Qorvo, Inc
TGA2590 QORVO-TGA2590 Datasheet
797Kb / 12P
   6-12 GHz 30W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2590-CP TRIQUINT-TGA2590-CP Datasheet
579Kb / 11P
   6 to 12GHz, 30W GaN Power Amplifier
logo
Qorvo, Inc
TGA2590-CP QORVO-TGA2590-CP Datasheet
457Kb / 11P
   6 ??12 GHz 30 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2594 TRIQUINT-TGA2594 Datasheet
538Kb / 12P
   27-31GHz 5W GaN Power Amplifier
More results

Similar Description - TGA2599-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2627-SM TRIQUINT-TGA2627-SM_15 Datasheet
1Mb / 16P
   6 to 12 GHz GaN Driver Amplifier
TGA2598-SM TRIQUINT-TGA2598-SM_15 Datasheet
757Kb / 14P
   6 to 12 GHz 2W GaN Driver Amplifier
TGA2958 TRIQUINT-TGA2958_15 Datasheet
561Kb / 13P
   13 to 18 GHz 2W GaN Driver Amplifier
logo
Cree, Inc
CMPA801B025D CREE-CMPA801B025D Datasheet
439Kb / 7P
   25 W, 8.0 - 11.0 GHz, GaN MMIC, Power Amplifier
logo
Qorvo, Inc
TGA2307 QORVO-TGA2307 Datasheet
567Kb / 16P
   5.0 ??6.0 GHz 50 W GaN Power Amplifier
logo
WOLFSPEED, INC.
CMPA801B030F1 WOLFSPEED-CMPA801B030F1 Datasheet
1Mb / 16P
   35 W, 8.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 0.0 February 2021
logo
TriQuint Semiconductor
TGA2597-SM TRIQUINT-TGA2597-SM_15 Datasheet
1Mb / 16P
   2 6 GHz GaN Driver Amplifier
TGA2597 TRIQUINT-TGA2597_15 Datasheet
901Kb / 14P
   2 6 GHz GaN Driver Amplifier
logo
Qorvo, Inc
QPB0220J QORVO-QPB0220J Datasheet
525Kb / 17P
   2 – 18 GHz GaN Driver Amplifier
April 2022
logo
Teledyne Technologies I...
ACP18015 TELEDYNE-ACP18015 Datasheet
147Kb / 2P
   8.0 TO 18.0 GHz COUGARPAK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com