Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2599-SM Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA2599-SM
Description  5.0 to 8.0 GHz GaN Driver Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2599-SM Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA2599-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2599-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2599-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2599-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2599-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA2599-SM Datasheet HTML 10Page - TriQuint Semiconductor TGA2599-SM Datasheet HTML 11Page - TriQuint Semiconductor TGA2599-SM Datasheet HTML 12Page - TriQuint Semiconductor TGA2599-SM Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TGA2599-SM
5.0-8.0 GHz GaN Driver Amplifier
Preliminary Datasheet: Rev–A 02-20-15
- 9 of 17 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
24
25
26
27
28
29
30
31
32
33
34
35
Output Power (dBm)
Harmonic vs. Output Power
2 * f0
3 * f0
V
D = 25 V, IDQ = 50 mA, Freq. = 6 GHz
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
24
25
26
27
28
29
30
31
32
33
34
35
Output Power (dBm)
Harmonic vs. Output Power
2 * f0
3 * f0
V
D = 25 V, IDQ = 50 mA, Freq. = 8 GHz
0
10
20
30
40
50
60
19
20
21
22
23
24
25
26
27
28
29
30
Pout/Tone (dBm)
IM3 & IM5 vs. Pout/Tone vs. Temperature
IM3 25°C
IM3 85°C
IM5 25°C
IM5 85°C
V
D = 25 V, IDQ = 50 mA, 10 MHz Tone Spacing, 5 GHz
5
15
25
35
45
55
19
20
21
22
23
24
25
26
27
28
29
30
Pout/Tone (dBm)
IM3 & IM5 vs. Pout/Tone vs. Temperature
IM3 25°C
IM3 85°C
IM5 25°C
IM5 85°C
V
D = 25 V, IDQ = 50 mA, 10 MHz Tone Spacing, 6 GHz
5
15
25
35
45
55
19
20
21
22
23
24
25
26
27
28
29
30
Pout/Tone (dBm)
IM3 & IM5 vs. Pout/Tone vs. Temperature
IM3 25°C
IM3 85°C
IM5 25°C
IM5 85°C
V
D = 25 V, IDQ = 50 mA, 10 MHz Tone Spacing, 8 GHz


Similar Part No. - TGA2599-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2590 TRIQUINT-TGA2590 Datasheet
613Kb / 12P
   6-12 GHz 30W GaN Power Amplifier
logo
Qorvo, Inc
TGA2590 QORVO-TGA2590 Datasheet
797Kb / 12P
   6-12 GHz 30W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2590-CP TRIQUINT-TGA2590-CP Datasheet
579Kb / 11P
   6 to 12GHz, 30W GaN Power Amplifier
logo
Qorvo, Inc
TGA2590-CP QORVO-TGA2590-CP Datasheet
457Kb / 11P
   6 ??12 GHz 30 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2594 TRIQUINT-TGA2594 Datasheet
538Kb / 12P
   27-31GHz 5W GaN Power Amplifier
More results

Similar Description - TGA2599-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2627-SM TRIQUINT-TGA2627-SM_15 Datasheet
1Mb / 16P
   6 to 12 GHz GaN Driver Amplifier
TGA2598-SM TRIQUINT-TGA2598-SM_15 Datasheet
757Kb / 14P
   6 to 12 GHz 2W GaN Driver Amplifier
TGA2958 TRIQUINT-TGA2958_15 Datasheet
561Kb / 13P
   13 to 18 GHz 2W GaN Driver Amplifier
logo
Cree, Inc
CMPA801B025D CREE-CMPA801B025D Datasheet
439Kb / 7P
   25 W, 8.0 - 11.0 GHz, GaN MMIC, Power Amplifier
logo
Qorvo, Inc
TGA2307 QORVO-TGA2307 Datasheet
567Kb / 16P
   5.0 ??6.0 GHz 50 W GaN Power Amplifier
logo
WOLFSPEED, INC.
CMPA801B030F1 WOLFSPEED-CMPA801B030F1 Datasheet
1Mb / 16P
   35 W, 8.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 0.0 February 2021
logo
TriQuint Semiconductor
TGA2597-SM TRIQUINT-TGA2597-SM_15 Datasheet
1Mb / 16P
   2 6 GHz GaN Driver Amplifier
TGA2597 TRIQUINT-TGA2597_15 Datasheet
901Kb / 14P
   2 6 GHz GaN Driver Amplifier
logo
Qorvo, Inc
QPB0220J QORVO-QPB0220J Datasheet
525Kb / 17P
   2 – 18 GHz GaN Driver Amplifier
April 2022
logo
Teledyne Technologies I...
ACP18015 TELEDYNE-ACP18015 Datasheet
147Kb / 2P
   8.0 TO 18.0 GHz COUGARPAK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com