Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2611-SM Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA2611-SM
Description  2 6 GHz GaN LNA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2611-SM Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA2611-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2611-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2611-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2611-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2611-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2611-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2611-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2611-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2611-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TGA2611-SM
2-6 GHz GaN LNA
Preliminary Datasheet: Rev - 01-29-15
- 5 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance: Large Signal
Conditions unless otherwise specified: VD = 10 V, IDQ = 100 mA, VG = -2.3 V Typical, CW
10
12
14
16
18
20
22
24
26
28
30
1
2
3
4
5
6
7
8
Frequency (GHz)
P
SAT vs. Frequency vs. Temp.
85 °C
25 °C
-40 °C
P
IN = 10 dBm
10
12
14
16
18
20
22
24
26
28
30
1
2
3
4
5
6
7
8
Frequency (GHz)
P
SAT vs. Frequency vs. VD
8 V
10 V
12 V
P
IN = 10 dBm, Temp = 25 °C
10
12
14
16
18
20
22
24
26
28
30
-15
-10
-5
0
5
10
15
20
Input Power (dBm)
Output Power vs. Input Power vs. Freq.
2 GHz
4 GHz
6 GHz
Temp = 25 °C
10
12
14
16
18
20
22
24
26
28
30
-15
-10
-5
0
5
10
15
20
Input Power (dBm)
Output Power vs. Input Power vs. Temp.
-40 °C
25 °C
85 °C
4 GHz
16
17
18
19
20
21
22
23
24
2
3
4
5
6
Frequency (GHz)
P1dB vs. Frequency vs. Temperature
85 °C
25 °C
-40 °C
16
17
18
19
20
21
22
23
24
2
3
4
5
6
Frequency (GHz)
P1dB vs. Frequency vs. V
D
12 V
10 V
8 V
Temp = 25 °C


Similar Part No. - TGA2611-SM_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2611-SM QORVO-TGA2611-SM Datasheet
1Mb / 13P
   2 ??6 GHz GaN LNA
June 2020
More results

Similar Description - TGA2611-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2611 TRIQUINT-TGA2611 Datasheet
427Kb / 12P
   2-6 GHz GaN LNA
logo
Qorvo, Inc
TGA2611-SM QORVO-TGA2611-SM Datasheet
1Mb / 13P
   2 ??6 GHz GaN LNA
June 2020
logo
TriQuint Semiconductor
TGA2611 TRIQUINT-TGA2611_15 Datasheet
406Kb / 12P
   2 to 6 GHz GaN LNA
TGA2612 TRIQUINT-TGA2612_15 Datasheet
526Kb / 12P
   6 to 12 GHz GaN LNA
TGA2612-SM TRIQUINT-TGA2612-SM_15 Datasheet
609Kb / 14P
   6 to 12 GHz GaN LNA
QPL1002 TRIQUINT-QPL1002 Datasheet
2Mb / 14P
   0.03 ??3 GHz GaN LNA
logo
Qorvo, Inc
QPL1002 QORVO-QPL1002 Datasheet
2Mb / 14P
   0.03 ??3 GHz GaN LNA
June 26, 2017
logo
TriQuint Semiconductor
TGA2597 TRIQUINT-TGA2597_15 Datasheet
901Kb / 14P
   2 6 GHz GaN Driver Amplifier
TGA2597-SM TRIQUINT-TGA2597-SM_15 Datasheet
1Mb / 16P
   2 6 GHz GaN Driver Amplifier
logo
Qorvo, Inc
TGA2578 QORVO-TGA2578 Datasheet
566Kb / 12P
   2-6 GHz 30 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com