Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2612-SM Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA2612-SM
Description  6 to 12 GHz GaN LNA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2612-SM Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA2612-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2612-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2612-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2612-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2612-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2612-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2612-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2612-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2612-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TGA2612-SM
6 - 12 GHz GaN LNA
Preliminary Datasheet: Rev - 01-29-15
- 3 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance (
θJC) (1)
CW
Tbaseplate = 85 °C, VD = 10 V, IDQ = 100 mA,
ID_Drive = 180 mA, POUT = 25 dBm,
PIN = 10dBm, Freq = 11GHz, PDISS = 1.6W
17
ºC/W
Channel Temperature, TCH (Under RF)
112
°C
Median Lifetime (TM)
1.8 x 10^11
Hrs
Notes:
1. Thermal resistance measured at back of package.
Median Lifetime
Test Conditions: VD = 40 V; Failure Criteria is 10% reduction in ID_MAX
15
16
17
18
19
0.5
1.0
1.5
2.0
2.5
3.0
P
DISS (W)
Thermal Resistance vs. P
DISS
T
BASE = 85
0C, CW
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
5
6
7
8
9
10
11
12
13
Frequency (GHz)
P
DISS vs. Frequency vs. TBASE
+85°C
+25°C
−40°C
CW, P
IN = 10 dBm


Similar Part No. - TGA2612-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2612 TRIQUINT-TGA2612 Datasheet
526Kb / 12P
   6 to 12 GHz GaN LNA
TGA2612 TRIQUINT-TGA2612_15 Datasheet
526Kb / 12P
   6 to 12 GHz GaN LNA
More results

Similar Description - TGA2612-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2612 TRIQUINT-TGA2612_15 Datasheet
526Kb / 12P
   6 to 12 GHz GaN LNA
TGA2611 TRIQUINT-TGA2611_15 Datasheet
406Kb / 12P
   2 to 6 GHz GaN LNA
TGA2611 TRIQUINT-TGA2611 Datasheet
427Kb / 12P
   2-6 GHz GaN LNA
TGA2611-SM TRIQUINT-TGA2611-SM_15 Datasheet
600Kb / 14P
   2 6 GHz GaN LNA
logo
Qorvo, Inc
TGA2611-SM QORVO-TGA2611-SM Datasheet
1Mb / 13P
   2 ??6 GHz GaN LNA
June 2020
logo
TriQuint Semiconductor
TGA2627-SM TRIQUINT-TGA2627-SM_15 Datasheet
1Mb / 16P
   6 to 12 GHz GaN Driver Amplifier
TGA2598-SM TRIQUINT-TGA2598-SM_15 Datasheet
757Kb / 14P
   6 to 12 GHz 2W GaN Driver Amplifier
QPL1002 TRIQUINT-QPL1002 Datasheet
2Mb / 14P
   0.03 ??3 GHz GaN LNA
logo
Qorvo, Inc
QPL1002 QORVO-QPL1002 Datasheet
2Mb / 14P
   0.03 ??3 GHz GaN LNA
June 26, 2017
TGA2590 QORVO-TGA2590 Datasheet
797Kb / 12P
   6-12 GHz 30W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com