Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2613-SM Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGA2613-SM
Description  S-Band High Linearity LNA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2613-SM Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGA2613-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2613-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2613-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2613-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2613-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2613-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2613-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2613-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2613-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TGA2613-SM
S-Band High Linearity LNA
Preliminary Datasheet: Rev - 06-25-14
- 4 of 12 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance: Small Signal
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Frequency (GHz)
Gain vs. Frequency vs. Temperature
-40°C
+25°C
+85°C
V
D = 6V; IDQ = 320mA
-30
-25
-20
-15
-10
-5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Frequency (GHz)
Input Return Loss vs. Freq. vs. Temp.
-40°C
+25°C
+85°C
V
D = 6V; IDQ = 320mA
-30
-25
-20
-15
-10
-5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Frequency (GHz)
Output Return Loss vs. Freq. vs. Temp.
-40°C
+25°C
+85°C
V
D = 6V; IDQ = 320mA
1
2
3
4
5
6
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Frequency (GHz)
Noise Figure vs. Freq. vs. Temperature
+25°C
+85°C
-40 C
V
D = 6V, IDQ = 320mA


Similar Part No. - TGA2613-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2611 TRIQUINT-TGA2611 Datasheet
427Kb / 12P
   2-6 GHz GaN LNA
TGA2611 TRIQUINT-TGA2611 Datasheet
406Kb / 12P
   2 to 6 GHz GaN LNA
TGA2611-SM TRIQUINT-TGA2611-SM Datasheet
600Kb / 14P
   2 6 GHz GaN LNA
logo
Qorvo, Inc
TGA2611-SM QORVO-TGA2611-SM Datasheet
1Mb / 13P
   2 ??6 GHz GaN LNA
June 2020
logo
TriQuint Semiconductor
TGA2611-SM TRIQUINT-TGA2611-SM_15 Datasheet
600Kb / 14P
   2 6 GHz GaN LNA
More results

Similar Description - TGA2613-SM_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
   High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
Maxim Integrated Produc...
MAX2320 MAXIM-MAX2320 Datasheet
526Kb / 28P
   Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
19-1535; Rev 1; 6/00
logo
Advanced Semiconductor ...
ASL41S9 ASB-ASL41S9_17 Datasheet
510Kb / 11P
   High Linearity LNA MMIC
January 2017
logo
Qorvo, Inc
QPL6216Q QORVO-QPL6216Q Datasheet
542Kb / 7P
   High-Linearity SDARS LNA
logo
Advanced Semiconductor ...
ASL19C ASB-ASL19C_17 Datasheet
882Kb / 10P
   High Linearity LNA MMIC
April 2017
ASL29W ASB-ASL29W_17 Datasheet
838Kb / 12P
   High Linearity LNA MMIC
April 2017
logo
Qorvo, Inc
QPL6208Q QORVO-QPL6208Q Datasheet
287Kb / 7P
   High-Linearity SDARS LNA
logo
TriQuint Semiconductor
QPL6207 TRIQUINT-QPL6207 Datasheet
577Kb / 7P
   High-Linearity SDARS LNA
logo
Advanced Semiconductor ...
ASL09C ASB-ASL09C_17 Datasheet
861Kb / 10P
   High Linearity LNA MMIC
April 2017
ASL210 ASB-ASL210_17 Datasheet
460Kb / 10P
   High Linearity LNA MMIC
April 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com