Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ552(L) Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 2SJ552(L)
Description  Silicon P Channel MOS FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ552(L) Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 2SJ552(L)_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ552(L)_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ552(L)_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ552(L)_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ552(L)_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ552(L)_15 Datasheet HTML 8Page - Renesas Technology Corp 2SJ552(L)_15 Datasheet HTML 9Page - Renesas Technology Corp 2SJ552(L)_15 Datasheet HTML 10Page - Renesas Technology Corp 2SJ552(L)_15 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2SJ552(L), 2SJ552(S)
Rev.4.00 Sep 07, 2005 page 7 of 8
Package Dimensions
10.2 ± 0.3
0.86
0.76 ± 0.1
2.54 ± 0.5
2.54 ± 0.5
+ 0.2
– 0.1
1.3 ± 0.2
4.44 ± 0.2
1.3 ± 0.15
2.49 ± 0.2
0.4 ± 0.1
1.37 ± 0.2
Package Name
PRSS0004AE-A
LDPAK(L) / LDPAK(L)V
MASS[Typ.]
1.40g
RENESAS Code
JEITA Package Code
Unit: mm
10.2 ± 0.3
1.37 ± 0.2
4.44 ± 0.2
1.3 ± 0.15
0.1
+ 0.2
– 0.1
0.4 ± 0.1
2.49 ± 0.2
0.86
+ 0.2
– 0.1
2.54 ± 0.5
2.54 ± 0.5
1.3 ± 0.2
7.8
6.6
2.2
SC-83
1.30g
MASS[Typ.]
LDPAK(S)-(1) / LDPAK(S)-(1)V
PRSS0004AE-B
RENESAS Code
JEITA Package Code
Package Name
Unit: mm


Similar Part No. - 2SJ552(L)_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ552 HITACHI-2SJ552 Datasheet
56Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ552 RENESAS-2SJ552 Datasheet
96Kb / 9P
   Silicon P Channel MOS FET
logo
Hitachi Semiconductor
2SJ552L HITACHI-2SJ552L Datasheet
56Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ552L RENESAS-2SJ552L Datasheet
96Kb / 9P
   Silicon P Channel MOS FET
2SJ552L-E RENESAS-2SJ552L-E Datasheet
96Kb / 9P
   Silicon P Channel MOS FET
More results

Similar Description - 2SJ552(L)_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com