Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSF3010 Datasheet(PDF) 7 Page - International Rectifier

Part # IRSF3010
Description  FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=80mohm)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSF3010 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRSF3010 Datasheet HTML 3Page - International Rectifier IRSF3010 Datasheet HTML 4Page - International Rectifier IRSF3010 Datasheet HTML 5Page - International Rectifier IRSF3010 Datasheet HTML 6Page - International Rectifier IRSF3010 Datasheet HTML 7Page - International Rectifier IRSF3010 Datasheet HTML 8Page - International Rectifier IRSF3010 Datasheet HTML 9Page - International Rectifier IRSF3010 Datasheet HTML 10Page - International Rectifier IRSF3010 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IRSF3010
7
Case Outline — TO-220AB (IRSF3010)
NOTES:
1. Dimensioning and tolerancing per ANSI Y14.5M, 1982
2. Controlling dimension: INCH
3. Dimensions shown are in millimeters (inches)
4. Conforms to JEDEC outline TO-251AA
5. Dimension does not include solder dip. Solder dip max. +0.16 (.006)
LEADASSIGNMENTS
1. Gate
2. Drain
3. Source
4. Drain
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRSF3010

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSF3011 IRF-IRSF3011 Datasheet
536Kb / 12P
   FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=200mohm)
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
   FULLY PROTECTED POWER MOSFET SWITCH
More results

Similar Description - IRSF3010

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSF3011 IRF-IRSF3011 Datasheet
536Kb / 12P
   FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=200mohm)
IRSF3021 IRF-IRSF3021 Datasheet
306Kb / 6P
   FULLY PROTECTED POWER MOSFET SWITCH(Vds(50V), Rds(on)=200mohm)
IRSF3031 IRF-IRSF3031 Datasheet
349Kb / 5P
   FULLY PROTECTED DMOS POWER SWITCH(Vds=50V, Rds(on)=200mohm)
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS0551T IRF-IPS0551T Datasheet
106Kb / 10P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS021 IRF-IPS021 Datasheet
142Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS0151 IRF-IPS0151 Datasheet
163Kb / 12P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS041L IRF-IPS041L Datasheet
109Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com