Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2618 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA2618
Description  16 to 18 GHz GaAs LNA
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2618 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA2618_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2618_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2618_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2618_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2618_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2618_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2618_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2618_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2618_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TGA2618
16 - 18 GHz GaAs LNA
Preliminary Datasheet: Rev - 09-09-14
- 3 of 11 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance (
θJC) (1)
Tbase = 85 °C, VD = 3 V (CW)
IDQ = 30 mA, PDISS = 0.09 W
96
ºC/W
Channel Temperature (TCH) (Without RF)
94
°C
Median Lifetime (TM)
1.3 x 10^9
Hrs
Thermal Resistance (
θJC) (1)
Tbase = 85 °C, VD = 3 V (CW)
IDQ = 30 mA, ID_Drive = 50 mA
PIN = -10 dBm, POUT = 10 dBm,
Freq = 17 GHz, PDISS = 0.14 W
96
ºC/W
Channel Temperature (TCH) (Under RF drive)
98
°C
Median Lifetime (TM)
7.5 x 10^8
Hrs
Notes:
1.
Thermal resistance calculated at back of a 40 mil CuMo carrier plate with 1.5 mil of AuSn solder for die attach.
Test Conditions: VD = 6 V; Failure Criteria is 10% reduction in ID_MAX
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
1E+11
1E+12
1E+13
1E+14
1E+15
25
50
75
100
125
150
175
200
Channel Temperature, T
CH (°C)
Median Lifetime vs. Channel Temperature
FET5


Similar Part No. - TGA2618_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2618-SM TRIQUINT-TGA2618-SM Datasheet
636Kb / 11P
   16 to 18 GHz GaAs LNA
TGA2618-SM TRIQUINT-TGA2618-SM_15 Datasheet
636Kb / 11P
   16 to 18 GHz GaAs LNA
More results

Similar Description - TGA2618_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2618-SM TRIQUINT-TGA2618-SM_15 Datasheet
636Kb / 11P
   16 to 18 GHz GaAs LNA
logo
Broadcom Corporation.
AMMP-6232 BOARDCOM-AMMP-6232 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6232 AVAGO-AMMP-6232_13 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
AMMP-6232 AVAGO-AMMP-6232 Datasheet
558Kb / 9P
   18 TO 32 GHZ GAAS HIGH LINEARITY LNA IN SMT PACKAGE
logo
TriQuint Semiconductor
TGA2621 TRIQUINT-TGA2621_15 Datasheet
474Kb / 13P
   16 to 18 GHz 1 W GaAs Power Amplifier
logo
Analog Devices
HMC641A AD-HMC641A Datasheet
296Kb / 10P
   0.1 GHz to 18 GHz, GaAs SP4T Switch
logo
Transcom, Inc.
TC1950 TRANSCOM-TC1950 Datasheet
125Kb / 4P
   14 - 18 GHz LNA MMIC
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522 AVAGO-AMMP-6522_15 Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver
logo
Analog Devices
ADL8106 AD-ADL8106 Datasheet
1Mb / 26P
   GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
Rev. 0
logo
Microchip Technology
MMA041PP5 MICROCHIP-MMA041PP5 Datasheet
1Mb / 19P
   DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com