Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2621 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA2621
Description  16 to 18 GHz 1 W GaAs Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2621 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA2621 Datasheet HTML 1Page - TriQuint Semiconductor TGA2621 Datasheet HTML 2Page - TriQuint Semiconductor TGA2621 Datasheet HTML 3Page - TriQuint Semiconductor TGA2621 Datasheet HTML 4Page - TriQuint Semiconductor TGA2621 Datasheet HTML 5Page - TriQuint Semiconductor TGA2621 Datasheet HTML 6Page - TriQuint Semiconductor TGA2621 Datasheet HTML 7Page - TriQuint Semiconductor TGA2621 Datasheet HTML 8Page - TriQuint Semiconductor TGA2621 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TGA2621
16 - 18 GHz 1 W GaAs Power Amplifier
Preliminary Datasheet: Rev - 12-30-14
- 3 of 13 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance (
θJC) (1)
Tbase = 85 °C, VD = 6 V (CW)
IDQ = 400 mA, PDISS = 2.4 W
26
ºC/W
Channel Temperature (TCH) (Without RF)
147
°C
Median Lifetime (TM)
1.5 x 10^6
Hrs
Thermal Resistance (
θJC) (1)
Tbase = 85 °C, VD = 6 V (CW)
IDQ = 400 mA, ID_Drive = 617 mA
PIN = 10 dBm, POUT = 30 dBm,
Freq = 17 GHz, PDISS = 2.7 W
26.1
ºC/W
Channel Temperature (TCH) (Under RF drive)
150
°C
Median Lifetime (TM)
1.0 x 10^6
Hrs
Notes:
1.
Thermal resistance calculated at back of a 40 mil CuMo carrier plate with 1.5 mil of AuSn solder for die attach.
Test Conditions: VD = 6 V; Failure Criteria is 10% reduction in ID_MAX
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
1E+11
1E+12
1E+13
1E+14
1E+15
25
50
75
100
125
150
175
200
Channel Temperature, T
CH (°C)
Median Lifetime vs. Channel Temperature
FET5


Similar Part No. - TGA2621

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2621-SM TRIQUINT-TGA2621-SM Datasheet
663Kb / 13P
   16 to 18.5 GHz 1 W GaAs Power Amplifier
logo
Qorvo, Inc
TGA2621-SM QORVO-TGA2621-SM Datasheet
608Kb / 13P
   16??8.5 GHz 1 W GaAs Power Amplifier
logo
TriQuint Semiconductor
TGA2621-SM TRIQUINT-TGA2621-SM_15 Datasheet
663Kb / 13P
   16 to 18.5 GHz 1 W GaAs Power Amplifier
More results

Similar Description - TGA2621

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2621-SM TRIQUINT-TGA2621-SM_15 Datasheet
663Kb / 13P
   16 to 18.5 GHz 1 W GaAs Power Amplifier
logo
Qorvo, Inc
TGA2621-SM QORVO-TGA2621-SM Datasheet
608Kb / 13P
   16??8.5 GHz 1 W GaAs Power Amplifier
logo
Analog Devices
ADPA7006CHIP AD-ADPA7006CHIP Datasheet
460Kb / 24P
   18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6408 AVAGO-AMMP-6408_15 Datasheet
376Kb / 10P
   6 to 18 GHz 1 W Power Amplifier
logo
Tyco Electronics
MAAPGM0080-DIE MACOM-MAAPGM0080-DIE Datasheet
331Kb / 7P
   Amplifier, Power, 1 W 2-18 GHz
MAAP-000080-DIE000 MACOM-MAAP-000080-DIE000 Datasheet
330Kb / 7P
   Amplifier, Power, 1 W 2-18 GHz
logo
Analog Devices
ADPA7005CHIP AD-ADPA7005CHIP Datasheet
517Kb / 23P
   GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
ADPA7005-EVALZ AD-ADPA7005-EVALZ Datasheet
287Kb / 6P
   Evaluating the ADPA7005 18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
Rev. A
logo
TriQuint Semiconductor
TGA2618-SM TRIQUINT-TGA2618-SM_15 Datasheet
636Kb / 11P
   16 to 18 GHz GaAs LNA
TGA2618 TRIQUINT-TGA2618_15 Datasheet
348Kb / 11P
   16 to 18 GHz GaAs LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com