Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2622 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGA2622
Description  9 to 10GHz 40W GaN Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2622 Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TGA2622_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2622_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2622_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2622_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2622_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2622_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2622_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA2622_15 Datasheet HTML 11Page - TriQuint Semiconductor TGA2622_15 Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TGA2622
9
– 10GHz 40W GaN Power Amplifier
Preliminary Datasheet: Rev - 11-03-14
- 8 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance (CW Operation)
36
38
40
42
44
46
48
9
9.2
9.4
9.6
9.8
10
Frequency (GHz)
Output Power vs. Frequency
Psat @ Pin=18dBm
P1dB
Temp. = +25 C
CW
V
D = 28V, IDQ = 290mA
0
10
20
30
40
50
60
0
2
4
6
8
10
12
14
16
18
20
22
Input Power (dBm)
PAE vs. Input Power vs. Freq.
9.0GHz
9.5GHz
10.0GHz
Temp. = +25 C
V
D = 28V, IDQ = 290mA
CW
500
1000
1500
2000
2500
3000
3500
8
8.5
9
9.5
10
10.5
11
Frequency (GHz)
Drain Current vs. Frequency vs. Temp.
+25C
+85C
P
IN = 18dBm
V
D = 28V, IDQ = 290mA
CW
500
1000
1500
2000
2500
3000
3500
0
2
4
6
8
10
12
14
16
18
20
22
Input Power (dBm)
Drain Current vs. Input Power vs. Freq.
9.0GHz
9.5GHz
10.0GHz
Temp. = +25 C
V
D = 28V, IDQ = 290mA
CW
20
23
26
29
32
35
38
0
2
4
6
8
10
12
14
16
18
20
22
Input Power (dBm)
Power Gain vs. Input Power vs. Freq.
9.0GHz
9.5GHz
10.0GHz
Temp. = +25 C
V
D = 28V, IDQ = 290mA
CW
24
28
32
36
40
44
48
0
2
4
6
8
10
12
14
16
18
20
22
Input Power (dBm)
Output Power vs. Input Power vs. Freq.
9.0GHz
9.5GHz
10.0GHz
Temp. = +25 C
V
D = 28V, IDQ = 290mA
CW


Similar Part No. - TGA2622_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2622-CP TRIQUINT-TGA2622-CP Datasheet
611Kb / 15P
   9 to 10 GHz 35 W GaN Power Amplifier
TGA2622-CP TRIQUINT-TGA2622-CP_15 Datasheet
611Kb / 15P
   9 to 10 GHz 35 W GaN Power Amplifier
More results

Similar Description - TGA2622_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2624 TRIQUINT-TGA2624_15 Datasheet
619Kb / 14P
   9 to 10GHz 18W GaN Power Amplifier
TGA2576-2-FL TRIQUINT-TGA2576-2-FL_15 Datasheet
647Kb / 11P
   2.5 to 6GHz 40W GaN Power Amplifier
TGA2576-FS TRIQUINT-TGA2576-FS_15 Datasheet
605Kb / 15P
   2.5 to 6GHz 40W GaN Power Amplifier
TGA2622-CP TRIQUINT-TGA2622-CP_15 Datasheet
611Kb / 15P
   9 to 10 GHz 35 W GaN Power Amplifier
TGA2624-CP TRIQUINT-TGA2624-CP_15 Datasheet
495Kb / 15P
   9 to 10 GHz, 16 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2624-SM QORVO-TGA2624-SM Datasheet
696Kb / 18P
   9??0 GHz 20 W GaN Power Amplifier
logo
RF Micro Devices
NLB-310 RFMD-NLB-310_06 Datasheet
178Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
logo
Analog Devices
HMC1099PM5E AD-HMC1099PM5E Datasheet
325Kb / 18P
   GaN Power Amplifier
HMC8415LP6GE AD-HMC8415LP6GE Datasheet
513Kb / 23P
   GaN Power Amplifier
HMC8205BF10 AD-HMC8205BF10 Datasheet
273Kb / 14P
   GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com