Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSF3031 Datasheet(PDF) 4 Page - International Rectifier

Part # IRSF3031
Description  FULLY PROTECTED DMOS POWER SWITCH(Vds=50V, Rds(on)=200mohm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSF3031 Datasheet(HTML) 4 Page - International Rectifier

  IRSF3031 Datasheet HTML 1Page - International Rectifier IRSF3031 Datasheet HTML 2Page - International Rectifier IRSF3031 Datasheet HTML 3Page - International Rectifier IRSF3031 Datasheet HTML 4Page - International Rectifier IRSF3031 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IRSF3031
Tape and Reel — SOT-223 (IRSF3031L)
NOTES:
1. Controlling dimension: MILLIMETER
2. Conforms to outline EIA-481 and EIA-541
3. Each ∅ 330.00 (13.00) reel contains 2,500 devices.
NOTES:
1. Controlling dimension: MILLIMETER
2. Conforms to outline EIA-481-1
3. Dimension measured at hub
4. Includes flange distortion at outer edge
To Order
Index
Previous Datasheet
Next Data Sheet


Similar Part No. - IRSF3031

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSF3010 IRF-IRSF3010 Datasheet
483Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=80mohm)
IRSF3011 IRF-IRSF3011 Datasheet
536Kb / 12P
   FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=200mohm)
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
   FULLY PROTECTED POWER MOSFET SWITCH
IRSF3021 IRF-IRSF3021 Datasheet
306Kb / 6P
   FULLY PROTECTED POWER MOSFET SWITCH(Vds(50V), Rds(on)=200mohm)
More results

Similar Description - IRSF3031

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSF3011 IRF-IRSF3011 Datasheet
536Kb / 12P
   FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=200mohm)
IRSF3021 IRF-IRSF3021 Datasheet
306Kb / 6P
   FULLY PROTECTED POWER MOSFET SWITCH(Vds(50V), Rds(on)=200mohm)
IRSF3010 IRF-IRSF3010 Datasheet
483Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=80mohm)
IRFR4105Z IRF-IRFR4105Z Datasheet
206Kb / 11P
   Power MOSFET(Vds=55V, Rds(on)=24.5mohm, Id=30A)
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS0551T IRF-IPS0551T Datasheet
106Kb / 10P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS021 IRF-IPS021 Datasheet
142Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS0151 IRF-IPS0151 Datasheet
163Kb / 12P
   FULLY PROTECTED POWER MOSFET SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com