Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STT3599C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3599C
Description  N & P-Channel Enhancement Mode Mos.FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3599C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT3599C_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3599C_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3599C_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3599C_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH STT3599C_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH STT3599C_15 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH STT3599C_15 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STT3599C
(N-Ch) 3.7 A, 30 V, RDS(ON) 63 m
(P-Ch) -2.7 A, -30 V, RDS(ON) 112 m
N & P-Channel Enhancement Mode Mos.FET
Elektronische Bauelemente
19-Jul-2010 Rev. A
Page 1 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

G1 S2
G2
D1 S1
D2
6
1
3
2
5
4
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize a high cell density
trench process to provide low RDS(on) and to ensure minimal power
loss and heat dissipation. Typical applications are DC-DC converters
and power management in portable and battery-powered products
such as computers, printers, PCMCIA cards, cellular and cordless
telephones.
FEATURES
Low RDS(on) provides higher efficiency and extends battery life.
Low thermal impedance copper leadframe TSOP-6 saves board space.
Fast switching speed.
High performance trench technology.
PRODUCT SUMMARY
PRODUCT SUMMARY
VDS(V)
RDS(on) (
ID(A)
30
0.063@VGS= 10V
3.7
0.090@VGS= 4.5V
3.1
-30
0.112@VGS= -10V
-2.7
0.172@VGS= -4.5V
-2.2
ABSOLUTE MAXIMUM RATINGS(TA=25UNLESS OTHERWISE NOTED)
Parameter
Symbol
Ratings
Unit
N-Channel
P-Channel
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
±20
±20
V
Continuous Drain Current
a
ID @TA=25℃
ID @TA=70℃
3.7
-2.7
A
2.9
-2.1
Pulsed Drain Current
b
IDM
8
-8
A
Continuous Source Current (Diode Conduction)
a
IS
1.05
-1.05
A
Power Dissipation
a
PD @TA=25℃
1.15
W
PD @TA=70℃
0.7
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N-Channel
P-Channel
Unit
Typ
Max
Typ
Max
Maximum Junction to Ambient
a
t ≦ 10 sec
RJA
93
110
93
110
/ W
Steady State
130
150
130
150
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature.

Gate

Source

Drain

Gate

Source

Drain
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.10
G
0
0.10
B
2.60
3.00
H
0.60 REF.
C
1.40
1.80
J
0.12 REF.
D
1.10 MAX.
K
10°
E
1.90 REF.
L
0.95 REF.
F
0.30
0.50
TSOP-6
B
L
F
H
C
J
D G
K
A
E


Similar Part No. - STT3599C_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT3599C SECOS-STT3599C Datasheet
327Kb / 7P
   N & P-Channel Enhancement Mode Mos.FET
logo
VBsemi Electronics Co.,...
STT3599C VBSEMI-STT3599C Datasheet
613Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
More results

Similar Description - STT3599C_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT6601 SECOS-STT6601 Datasheet
489Kb / 6P
   N & P-Channel Enhancement Mode Mos.FET
STT3524C SECOS-STT3524C Datasheet
92Kb / 2P
   N & P-Channel Enhancement Mode Mos.FET
STT3520C SECOS-STT3520C Datasheet
591Kb / 7P
   N & P-Channel Enhancement Mode Mos.FET
STT3599C SECOS-STT3599C Datasheet
327Kb / 7P
   N & P-Channel Enhancement Mode Mos.FET
STT3524C SECOS-STT3524C_15 Datasheet
92Kb / 2P
   N & P-Channel Enhancement Mode Mos.FET
STT3981 SECOS-STT3981_10 Datasheet
908Kb / 5P
   P-Channel Enhancement Mode Mos.FET
STT3423P SECOS-STT3423P Datasheet
501Kb / 4P
   P-Channel Enhancement Mode Mos.FET
STT3981 SECOS-STT3981 Datasheet
253Kb / 5P
   P-Channel Enhancement Mode Mos.FET
STT6405 SECOS-STT6405 Datasheet
954Kb / 4P
   P-Channel Enhancement Mode Mos.FET
SSP1027 SECOS-SSP1027 Datasheet
400Kb / 4P
   P-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com