Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STT3922N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3922N
Description  N-Channel Enhancement Mode Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3922N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT3922N_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3922N_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STT3922N
4.1A, 20V, RDS(ON) 47mΩ
N-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
22-Jun-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize a high
cell density trench process to provide low RDS(on) and to
ensure minimal power loss and heat dissipation. Typical
applications are DC-DC converters and power
management in portable and battery-powered products
such as computers, printers, and PCMCIA cards,
cellular and cordless telephones.
FEATURES
Low on-resistance
Low drive current
Low RDS(on) Provides Higher Efficiency and Extends Battery Life
Fast switching speed
High performance trench technology
PACKAGE INFORMATION
Package
MPQ
Leader Size
TSOP-6
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
1
TA= 25°C
ID
4.1
A
TA= 70°C
3.3
Pulsed Drain Current
2
IDM
8
A
Continuous Source Current (Diode Conduction)
1
IS
1.05
A
Power Dissipation
1
TA= 25°C
PD
1.15
W
TA= 70°C
0.7
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
Maximum Junction to Ambient
1
t
10 sec
RθJA
110
°C / W
Steady State
150
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
G
G
S
S
D
D
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.10
G
0
0.10
B
2.60
3.00
H
0.60 REF.
C
1.40
1.80
J
0.12 REF.
D
1.10 MAX.
K
10°
E
1.90 REF.
L
0.95 REF.
F
0.30
0.50
TSOP-6
B
L
F
H
C
J
D G
K
A
E
1
2
3
4
5
6


Similar Part No. - STT3922N_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT3922N SECOS-STT3922N Datasheet
105Kb / 2P
   N-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
STT3922N VBSEMI-STT3922N Datasheet
520Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - STT3922N_15

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com