Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1010-18CY Datasheet(PDF) 2 Page - International Rectifier

Part # IRU1010-18CY
Description  1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1010-18CY Datasheet(HTML) 2 Page - International Rectifier

  IRU1010-18CY Datasheet HTML 1Page - International Rectifier IRU1010-18CY Datasheet HTML 2Page - International Rectifier IRU1010-18CY Datasheet HTML 3Page - International Rectifier IRU1010-18CY Datasheet HTML 4Page - International Rectifier IRU1010-18CY Datasheet HTML 5Page - International Rectifier IRU1010-18CY Datasheet HTML 6Page - International Rectifier IRU1010-18CY Datasheet HTML 7Page - International Rectifier IRU1010-18CY Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
IRU1010-18 & (PbF)
www.irf.com
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN) ....................................................
7V
Power Dissipation .....................................................
Internally Limited
Storage Temperature Range ...................................... -65°C To 150°C
Operating Junction Temperature Range .....................
0°C To 125°C
PACKAGE INFORMATION
2-PIN PLASTIC TO-252 (D-Pak)
2-PIN ULTRA THIN-PAKTM (P)
8-PIN PLASTIC SOIC (S)
3-PIN PLASTIC SOT-223 (Y)
Unless otherwise specified, these specifications apply over CIN=1µF, VIN=5V, COUT=10µF and TJ=0 to 125 C.
Typical values refer to TJ=25 C.
Note 1: Low duty cycle pulse testing with Kelvin connections is required in order to maintain accurate data.
Note 2: Dropout voltage is defined as the minimum differential voltage between VIN and VOUT required to maintain
regulation at VOUT. It is measured when the output voltage drops 1% below its nominal value.
ELECTRICAL SPECIFICATIONS
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Io=10mA, TJ=25 C
Io=10mA
Io=10mA, 4.75V<VIN<7V
10mA<Io<1A
Io=1A
∆Vo=100mV
30ms Pulse, Io=1A
f=120Hz, Co=25µF Tantalum,
Io=0.5A
Io=10mA
TJ=125 C, 1000Hrs
TJ=25 C, 10Hz<f<10KHz
Output Voltage
Line Regulation
Load Regulation (Note 1)
Dropout Voltage (Note 2)
Current Limit
Thermal Regulation
Ripple Rejection
Temperature Stability
Long Term Stability
RMS Output Noise
Vo
1.782
1.764
1.1
1.800
1.800
0.01
70
0.5
0.3
0.003
1.818
1.836
7
17
1.3
V
mV
mV
V
A
%/W
dB
%
%
%Vo
θJA=70°C/W for 0.5" Sq pad
θJA=70°C/W for 0.5" Sq pad
θJA=55°C/W for 1" Sq pad
θJA=90°C/W for 0.4" Sq pad
Gnd
VOUT
VIN
Tab is
VOUT
3
1
2
Gnd
NC
NC
VIN
VOUT
4
3
2
1
5
6
7
8
VOUT
VOUT
VOUT
Gnd
Tab is
VOUT
VIN
1
3
Gnd
VIN
1
3
Tab is
VOUT


Similar Part No. - IRU1010-18CY

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010-18CY IRF-IRU1010-18CY Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results

Similar Description - IRU1010-18CY

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010-18CDTR IRF-IRU1010-18CDTR Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18 IRF-IRU1117-18 Datasheet
75Kb / 4P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18PBF IRF-IRU1117-18PBF Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
logo
UNISEM
US1010-25 UNISEM-US1010-25 Datasheet
19Kb / 3P
   1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1010-33 UNISEM-US1010-33 Datasheet
19Kb / 3P
   1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
UNISEM
US1206 UNISEM-US1206 Datasheet
39Kb / 7P
   1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com