Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2624-CP Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA2624-CP
Description  9 to 10 GHz, 16 W GaN Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2624-CP Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA2624-CP Datasheet HTML 5Page - TriQuint Semiconductor TGA2624-CP Datasheet HTML 6Page - TriQuint Semiconductor TGA2624-CP Datasheet HTML 7Page - TriQuint Semiconductor TGA2624-CP Datasheet HTML 8Page - TriQuint Semiconductor TGA2624-CP Datasheet HTML 9Page - TriQuint Semiconductor TGA2624-CP Datasheet HTML 10Page - TriQuint Semiconductor TGA2624-CP Datasheet HTML 11Page - TriQuint Semiconductor TGA2624-CP Datasheet HTML 12Page - TriQuint Semiconductor TGA2624-CP Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TGA2624-CP
9 to 10 GHz, 16 W GaN Power Amplifier
Preliminary Datasheet: 11-03-14
- 9 of 15 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance: Large Signal
Conditions unless otherwise specified: VD = 28 V, IDQ = 365 mA, VG = -2.6 V typical.
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
0
2
4
6
8
10
12
14
16
18
P
IN (dBm)
Drain Current vs. Input Power vs. Temp.
CW, Freq = 9.5 GHz
-40 °C
25 °C
85 °C
-0.5
1.5
3.5
5.5
7.5
9.5
11.5
8.5
9.0
9.5
10.0
10.5
Frequency (GHz)
Gate Current vs. Frequency vs. V
D
28 V
30 V
32 V
CW, P
IN = 15 dBm,
Temp = 25 °C
25 V
-0.5
4.5
9.5
14.5
19.5
24.5
29.5
34.5
39.5
44.5
49.5
0
2
4
6
8
10
12
14
16
18
P
IN (dBm)
Gate Current vs. Input Power vs. Temp.
CW, Freq = 9.5 GHz
-40 °C
25 °C
85 °C
1.0
1.2
1.4
1.6
1.8
2.0
8.5
9.0
9.5
10.0
10.5
Frequency (GHz)
Drain Current vs. Frequency vs. Temp.
CW, P
IN = 15 dBm
-40 °C
25 °C
85 °C
1.0
1.2
1.4
1.6
1.8
2.0
8.5
9.0
9.5
10.0
10.5
Frequency (GHz)
Drain Current vs. Frequency vs. V
D
CW, P
IN = 15 dBm,
Temp = 25 °C
28 V
30 V
32 V
25 V
-0.5
2.5
5.5
8.5
11.5
14.5
17.5
20.5
23.5
26.5
29.5
32.5
8.5
9.0
9.5
10.0
10.5
Frequency (GHz)
Gate Current vs. Frequency vs. Temp.
CW, P
IN = 15 dBm
-40 °C
25 °C
85 °C


Similar Part No. - TGA2624-CP

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2624-SM QORVO-TGA2624-SM Datasheet
696Kb / 18P
   9??0 GHz 20 W GaN Power Amplifier
TGA2624-SMEVB QORVO-TGA2624-SMEVB Datasheet
696Kb / 18P
   9??0 GHz 20 W GaN Power Amplifier
More results

Similar Description - TGA2624-CP

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2622-CP TRIQUINT-TGA2622-CP_15 Datasheet
611Kb / 15P
   9 to 10 GHz 35 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2624-SM QORVO-TGA2624-SM Datasheet
696Kb / 18P
   9??0 GHz 20 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2625-CP TRIQUINT-TGA2625-CP_15 Datasheet
578Kb / 15P
   10 to 11 GHz, 17 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2583-SM QORVO-TGA2583-SM Datasheet
798Kb / 13P
   2.7 to 3.7 GHz, 10 W GaN Power Amplifier
April 2020
logo
TriQuint Semiconductor
TGA2623-CP TRIQUINT-TGA2623-CP_15 Datasheet
617Kb / 15P
   10 to 11 GHz 32 W GaN Power Amplifier
TGA2976-SM TRIQUINT-TGA2976-SM Datasheet
794Kb / 18P
   0.1 ??3.0 GHz 10 W GaN Power Amplifier
QPA2237 TRIQUINT-QPA2237 Datasheet
789Kb / 16P
   0.03 ??2.5 GHz 10 W GaN Power Amplifier
TGA4548 TRIQUINT-TGA4548 Datasheet
718Kb / 11P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
QPA2211 QORVO-QPA2211 Datasheet
692Kb / 22P
   27.5 ??31 GHz 10 W GaN Power Amplifier
logo
TriQuint Semiconductor
QPA1003D TRIQUINT-QPA1003D Datasheet
566Kb / 21P
   1 ??8 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com