Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2625-CP Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA2625-CP
Description  10 to 11 GHz, 17 W GaN Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2625-CP Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA2625-CP_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2625-CP_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2625-CP_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2625-CP_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2625-CP_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2625-CP_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2625-CP_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2625-CP_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2625-CP_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TGA2625-CP
10 to 11 GHz, 17 W GaN Power Amplifier
Preliminary Datasheet: 11-03-14
- 1 of 15 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Applications
 Radar
 Communications
Functional Block Diagram
Product Features
 Frequency Range: 10 – 11 GHz
 Pout: 42.5 dBm (at PIN = 15 dBm)
 PAE: > 40 %
 Power Gain: 28 dB (at PIN = 15 dBm)
 Bias: VD = 28 V, IDQ = 365 mA, VG = -2.6 V typical,
pulsed (PW = 100 µs, DC = 10 %)
 Package Dimensions: 15.2 x 15.2 x 3.5 mm
 Package base is pure Cu offering superior thermal
management
Ordering Information
Part
ECCN
Description
TGA2625-CP
3A001.b.2.b
10
– 11 GHz, 17 W
GaN Power Amplifier
General Description
TriQuint’s TGA2625-CP is a packaged high-power
X-Band amplifier fabricated on
TriQuint’s TQGaN25
0.25 um GaN on SiC process. Operating from 10 to
11 GHz, the TGA2625-CP achieves 42.5 dBm saturated
output power, a power-added efficiency of > 40 %, and
power gain of 28 dB.
The TGA2625-CP is packaged in a 10-lead 15x15 mm
bolt-down package with a Cu base for superior thermal
management. It can support a range of bias voltages
and performs well under CW and pulsed conditions.
Both RF ports are internally DC blocked and matched to
50 ohms allowing for simple system integration.
The TGA2625-CP is ideally suited for both commercial
and defense applications.
Lead free and RoHS compliant.
Evaluation Boards are available upon request.
Pin Configuration
Pad No.
Symbol
1, 5
VG
2, 4, 7, 9
GND
3
RFIN
6, 10
VD
8
RFOUT
6
7
8
9
10
5
4
3
2
1


Similar Part No. - TGA2625-CP_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2625 TRIQUINT-TGA2625 Datasheet
615Kb / 14P
   10 to 11GHz 20W GaN Power Amplifier
TGA2625 TRIQUINT-TGA2625_15 Datasheet
615Kb / 14P
   10 to 11GHz 20W GaN Power Amplifier
More results

Similar Description - TGA2625-CP_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2623-CP TRIQUINT-TGA2623-CP_15 Datasheet
617Kb / 15P
   10 to 11 GHz 32 W GaN Power Amplifier
TGA4548 TRIQUINT-TGA4548 Datasheet
718Kb / 11P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
TGA4548-SM QORVO-TGA4548-SM Datasheet
1Mb / 17P
   17 ??20 GHz 10 W GaN Power Amplifier
TGA4548 QORVO-TGA4548 Datasheet
1Mb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA4548-SM TRIQUINT-TGA4548-SM Datasheet
730Kb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2623-CP QORVO-TGA2623-CP Datasheet
770Kb / 16P
   10 ??11 GHz 32 W GaN Power Amplifier
QPA1022D QORVO-QPA1022D Datasheet
712Kb / 17P
   8.5 ??11 GHz 4 W GaN Power Amplifier
TGA2238-CP QORVO-TGA2238-CP Datasheet
572Kb / 14P
   8 ??11 GHz 50 W GaN Power Amplifier
TGA2238 QORVO-TGA2238 Datasheet
756Kb / 12P
   8 ??11 GHz 60 W GaN Power Amplifier
QPA1022 QORVO-QPA1022 Datasheet
1Mb / 17P
   8.5 ??11 GHz 4 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com