Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2701 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA2701
Description  7 to 8.5GHz High Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2701 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA2701_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2701_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2701_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2701_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2701_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2701_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA2701_15 Datasheet HTML 11Page - TriQuint Semiconductor TGA2701_15 Datasheet HTML 12Page - TriQuint Semiconductor TGA2701_15 Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TriQuint Semiconductor: www.triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
TGA2701
9
Oct 2008 © Rev -
30
31
32
33
34
35
36
37
38
39
40
7
7.2
7.4
7.6
7.8
8
8.2
8.4
8.6
Frequency (GHz)
Measured Data
Bias: Vd = 5 V & 7 V, Idq = 1.05 A, Pin = 22 dBm, Pulsed Power, 25% Duty Cycle
7 V
5 V
10
15
20
25
30
35
40
45
50
7
7.2
7.4
7.6
7.8
8
8.2
8.4
8.6
Frequency (GHz)
5 V
7 V


Similar Part No. - TGA2701_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2701-SM TRIQUINT-TGA2701-SM Datasheet
730Kb / 16P
   3 Watt C-Band Packaged Power Amplifier
TGA2701-SM TRIQUINT-TGA2701-SM_15 Datasheet
730Kb / 16P
   3 Watt C-Band Packaged Power Amplifier
More results

Similar Description - TGA2701_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2701 TRIQUINT-TGA2701 Datasheet
193Kb / 16P
   7 - 8.5GHz High Power Amplifier
logo
United Monolithic Semic...
CHA6552-QJG UMS-CHA6552-QJG_15 Datasheet
735Kb / 18P
   5.8- 8.5GHz Power Amplifier
logo
Tyco Electronics
MAAPGM0021 MACOM-MAAPGM0021 Datasheet
234Kb / 5P
   5.0-8.5GHz 2W Power Amplifier
logo
Fuji Electric
FMM5057VF FUJI-FMM5057VF Datasheet
300Kb / 8P
   7.1-8.5GHz Power Amplifier MMIC
logo
Toshiba Semiconductor
TIM7785-4UL TOSHIBA-TIM7785-4UL_09 Datasheet
144Kb / 4P
   HIGH POWER P1dB=36.5dBm at 7.7GHz to 8.5GHz
TIM7785-25UL TOSHIBA-TIM7785-25UL Datasheet
144Kb / 4P
   HIGH POWER P1dB=44.5dBm at 7.7GHz to 8.5GHz
TIM7785-6UL TOSHIBA-TIM7785-6UL_09 Datasheet
144Kb / 4P
   HIGH POWER P1dB=38.5dBm at 7.7GHz to 8.5GHz
TIM7785-12UL TOSHIBA-TIM7785-12UL_09 Datasheet
144Kb / 4P
   HIGH POWER P1dB=41.5dBm at 7.7GHz to 8.5GHz
TIM7785-8UL TOSHIBA-TIM7785-8UL_06 Datasheet
50Kb / 4P
   HIGH POWER P1dB=39.5dBm at 7.7GHz to 8.5GHz
logo
United Monolithic Semic...
CHA5052 UMS-CHA5052 Datasheet
493Kb / 10P
   7-16GHz High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com