Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2703-SM Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA2703-SM
Description  3.5GHz WiMAX Driver Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2703-SM Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA2703-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2703-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2703-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2703-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2703-SM_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA2703-SM_15 Datasheet HTML 11Page - TriQuint Semiconductor TGA2703-SM_15 Datasheet HTML 12Page - TriQuint Semiconductor TGA2703-SM_15 Datasheet HTML 13Page - TriQuint Semiconductor TGA2703-SM_15 Datasheet HTML 14Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
TGA2703-SM
June 2012 © Rev A
TriQuint Semiconductor: www. triquint.com (503)615-9000 Fax (503)615-8902 info-networks@tqs.com
Package Pinout Diagram
Top Side
Dot indicates Pin 1
Bottom Side
Pin
Description
Pin
Description
1,2,3
NC
14
Power Sample
4
RF Input
18
RF Output
5,6,7,8,9
NC
19,20,21
NC
10
Gain Control
22
Vd2
11,13
NC
23,24,25
NC
12
Gate Acess
26
Vd1
15,16,17
NC
27,28
NC
1
7
8
14
15
21
22
28
GND


Similar Part No. - TGA2703-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2703-SM TRIQUINT-TGA2703-SM Datasheet
291Kb / 14P
   3.5GHz WiMAX Driver / Power Amplifier
More results

Similar Description - TGA2703-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2703-SM TRIQUINT-TGA2703-SM Datasheet
291Kb / 14P
   3.5GHz WiMAX Driver / Power Amplifier
logo
Filtronic Compound Semi...
FMA3016-QFN FILTRONIC-FMA3016-QFN Datasheet
617Kb / 6P
   3.5GHz High Power Amplifier for WiMAX applications
logo
ATMEL Corporation
AT86RF535B ATMEL-AT86RF535B Datasheet
405Kb / 13P
   3.5GHz WiMAX Transceiver
logo
TriQuint Semiconductor
TGA2702-SM TRIQUINT-TGA2702-SM Datasheet
291Kb / 14P
   2.5GHz WiMAX Driver / Power Amplifier
logo
Analog Devices
ADL5570 AD-ADL5570_15 Datasheet
355Kb / 12P
   WiMAX Power Amplifier
REV. 0
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314 Datasheet
321Kb / 6P
   2.3-2.9 GHz WiMAX 2W Driver Amplifier
AH315 TRIQUINT-AH315_15 Datasheet
345Kb / 9P
   3.3 ??3.8 GHz WiMAX 2W Driver Amplifier
logo
WJ Communication. Inc.
AH315 WJCI-AH315 Datasheet
321Kb / 5P
   3.3-3.8 GHz WiMAX 2W Driver Amplifier
logo
SiGe Semiconductor, Inc...
SE7262L SIGE-SE7262L Datasheet
137Kb / 2P
   2.5-2.7 GHz WiMAX Power Amplifier
logo
HBH Microwave GmbH
HA3004 HBH-HA3004 Datasheet
20Kb / 1P
   3.1GHz - 3.5GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com