Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2731-SM Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA2731-SM
Description  2.7 to 4.0 GHz Driver Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2731-SM Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA2731-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2731-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2731-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2731-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2731-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA2731-SM Datasheet HTML 10Page - TriQuint Semiconductor TGA2731-SM Datasheet HTML 11Page - TriQuint Semiconductor TGA2731-SM Datasheet HTML 12Page - TriQuint Semiconductor TGA2731-SM Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TGA2731-SM
2.7 – 4.0 GHz Driver Amplifier
Preliminary Datasheet: Rev - 09-05-14
- 9 of 15 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Application Circuit
Bias-up Procedure
Bias-down Procedure
1. Set ID limit to 1000 mA, IG limit to 12 mA
1. Turn off RF signal
2. Self-biased mode: Set VG to 0 V
2. Set VD to 0 V. Ensure IDQ ~ 0 mA
Gate-control mode: Adjust VG to obtain desired IDQ
3. Turn off VD supply
3. Increase VD to +6 V
4. Turn off VG, VSW supply
4. Apply RF signal


Similar Part No. - TGA2731-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2731-SM QORVO-TGA2731-SM Datasheet
616Kb / 15P
   2.7??.0 GHz Driver Amplifier
Julyl 2019
TGA2731-SMEVB QORVO-TGA2731-SMEVB Datasheet
616Kb / 15P
   2.7??.0 GHz Driver Amplifier
Julyl 2019
More results

Similar Description - TGA2731-SM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5321 AD-ADL5321 Datasheet
196Kb / 9P
   2.3 GHz to 4.0 GHz RF Driver Amplifier
Rev. PrB
ADL5321 AD-ADL5321_1 Datasheet
445Kb / 16P
   2.3 GHz to 4.0 GHz RF Driver Amplifier
REV. 0
logo
Qorvo, Inc
TGA2731-SM QORVO-TGA2731-SM Datasheet
616Kb / 15P
   2.7??.0 GHz Driver Amplifier
Julyl 2019
logo
Analog Devices
ADL5321ARKZ AD-ADL5321ARKZ Datasheet
570Kb / 16P
   2.3 GHz to 4.0 GHz 쩌 Watt RF Driver Amplifier
REV. C
logo
TriQuint Semiconductor
QPA1008 TRIQUINT-QPA1008 Datasheet
1Mb / 19P
   2.7 ??3.8 GHz Variable Gain Driver Amplifier
logo
Analog Devices
ADL5571 AD-ADL5571 Datasheet
468Kb / 16P
   2.5 GHz to 2.7 GHz WiMAX Power Amplifier
REV. 0
logo
HBH Microwave GmbH
HA7003 HBH-HA7003 Datasheet
25Kb / 1P
   4.0 - 26.5 GHz Ultra Wide Band Driver Amplifier
logo
List of Unclassifed Man...
A4012 ETC1-A4012 Datasheet
96Kb / 1P
   1.0 TO 4.0 GHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A4012 MACOM-A4012 Datasheet
97Kb / 1P
   1.0 TO 4.0 GHz TO-8 CASCADABLE AMPLIFIER
logo
Texas Instruments
TRF1123 TI-TRF1123 Datasheet
394Kb / 11P
[Old version datasheet]   2.1-GHz to 2.7-GHz 1-W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com